Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2046BVFRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BVFRG4
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVFRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2046BVFRG4 Datasheet HTML 1Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 2Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 3Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 4Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 5Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 6Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 7Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 8Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TUSB2046B, TUSB2046BI
4PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS413B − FEBRUARY 2000 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BUSPWR
8
I
Power source indicator. BUSPWR is an active-high input that indicates whether the downstream ports
source their power from the USB cable or a local power supply. For the bus-power mode, this terminal must
be pulled to 3.3 V, and for the self-powered mode, this terminal must be pulled low. Input must not change
dynamically during operation.
DM0
2
I/O
Root port USB differential data minus. DM0 paired with DP0 constitutes the upstream USB port.
DM1 − DM4
11, 15,
19, 23
I/O
USB differential data minus. DM1 − DM4 paired with DP1 − DP4 support up to four downstream USB ports.
DP0
1
I/O
Root port USB differential data plus. DP0 paired with DM0 constitutes the upstream USB port.
DP1 − DP4
12, 16,
20, 24
I/O
USB differential data plus. DP1 − DP4 paired with DM1 − DM4 support up to four downstream USB ports.
EECLK
5
O
EEPROM serial clock. When EXTMEM is high, the EEPROM interface is disabled. The EECLK terminal
is disabled and must be left floating (unconnected). When EXTMEM is low, EECLK acts as a 3-state serial
clock output to the EEPROM with a 100-
µA internal pulldown.
EEDATA/
GANGED
6
I/O
EEPROM serial data/power-management mode indicator. When EXTMEM is high, EEDATA/GANGED
selects between ganged or per-port power overcurrent detection for the downstream ports. When
EXTMEM is low, EEDATA/GANGED acts as a serial data I/O for the EEPROM and is internally pulled down
with a 100-
µA pulldown. This standard TTL input must not change dynamically during operation.
EXTMEM
26
I
EEPROM read enable. When EXTMEM is high, the serial EEPROM interface of the device is disabled.
When EXTMEM is low, terminals 5 and 6 are configured as the clock and data terminals of the serial
EEPROM interface, respectively.
GND
7, 28
Ground. GND terminals must be tied to ground for proper operation.
OVRCUR1 −
OVRCUR4
10, 14,
18, 22
I
Overcurrent input. OVRCUR1 − OVRCUR4 are active low. For per-port overcurrent detection, one
overcurrent input is available for each of the four downstream ports. In the ganged mode, any OVRCUR
input may be used and all OVRCUR terminals must be tied together. OVRCUR terminals are active low
inputs with noise filtering logic.
PWRON1 −
PWRON4
9, 13,
17, 21
O
Power-on/-off control signals. PWRON1 − PWRON4 are active low, push-pull outputs. Push-pull outputs
eliminate the pullup resistors which open-drain outputs require. However, the external power switches that
connect to these terminals must be able to operate with 3.3-V inputs because these outputs cannot drive
5-V signals.
RESET
4
I
Reset. RESET is an active low TTL input with hysteresis and must be asserted at power up. When RESET
is asserted, all logic is initialized. Generally, a reset with a pulse width between 100
µs and 1 ms is
recommended after 3.3-V VCC reaches its 90%. Clock signal has to be active during the last 60 µs of the
reset window.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power-down operations.
During the suspend mode, SUSPND is high. SUSPND is low for normal operation.
TSTMODE
31
I
Test/mode terminal. TSTMODE is used as a test terminal during production testing. This terminal must
be tied to ground or 3.3-V VCC for normal 6-MHz or 48-MHz operation, respectively.
TSTPLL/
48MCLK
27
I/O
Test/48-MHz clock input. TSTPLL/48MCLK is used as a test terminal during production testing. This
terminal must be tied to ground for normal 6-MHz operation. If 48-MHz input clock is desired, a 48-MHz
clock source (no crystal) can be connected to this input terminal.
VCC
3, 25
3.3-V supply voltage
XTAL1
30
I
Crystal 1. XTAL1 is a 6-MHz crystal input with 50% duty cycle. An internal PLL generates the 48-MHz and
12-MHz clocks used internally by the ASIC logic.
XTAL2
29
O
Crystal 2. XTAL2 is a 6-MHz crystal output. This terminal must be left open when using an oscillator.


Similar Part No. - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BVFRG4 TI-TUSB2046BVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFRG4 TI1-TUSB2046BVFRG4 Datasheet
1Mb / 28P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus
TUSB2046BVFRG4 TI1-TUSB2046BVFRG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com