Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAS2-30-L1-CCW-M12A5 Datasheet(PDF) 6 Page - ASM GmbH

Part # PTAS2-30-L1-CCW-M12A5
Description  Magnetic inclination sensor with analog output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAS2-30-L1-CCW-M12A5 Datasheet(HTML) 6 Page - ASM GmbH

  PTAS2-30-L1-CCW-M12A5 Datasheet HTML 1Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 2Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 3Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 4Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 5Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 6Page - ASM GmbH PTAS2-30-L1-CCW-M12A5 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KAB-XM-M12/4F/W/69K-LITZE
KAB - XM - M12/4F/G/69K - LITZE
KAB-XM-M12/4F/W-LITZE
IP69K:
KAB - XM - M12/4F/G - LITZE
IP69K:
32
CAT-PR/PT-E-08
ASM
www.asm-sensor.com
POSIROT®
Accessories
ConnectorCables
Signal wiring
M12,4pin
Connectorpin/cablecolor
1
2
3
4
Brown
White
Blue
Black
Connectorcablefor
POSIROT®
angle sensors
4 pins M12
Suitable for 5-pin
sensor connectors
M12A5 and M12R5
The 4-core screened cable is supplied with a
mating 4-pin 90° M12 connector at one end
and 4 wires at the other end. Available lengths
are 2, 5 and 10 m.
Order code:
Length in m
Connectorcablefor
POSIROT®
angle sensors
4 pins M12
Suitable for 5-pin
sensor connectors
M12A5 and M12R5
The 4-core screened cable is supplied with a
mating 4-pin M12 connector at one end and 4
wires at the other end. Available lengths are 2,
5 and 10 m.
Order code:
Length in m


Similar Part No. - PTAS2-30-L1-CCW-M12A5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTAS2562YFPR TI1-PTAS2562YFPR Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
PTAS2563RPPT TI-PTAS2563RPPT Datasheet
5Mb / 127P
[Old version datasheet]   TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PTAS2564YBGR TI1-PTAS2564YBGR Datasheet
1Mb / 108P
[Old version datasheet]   TAS2564 7-W Boosted Class-D Audio Amplifier With <10關V Noise And IV Sense
PTAS2564YBGR TI1-PTAS2564YBGR Datasheet
2Mb / 118P
[Old version datasheet]   TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PTAS2572YCGR TI1-PTAS2572YCGR Datasheet
335Kb / 6P
[Old version datasheet]   TAS2572 6.6 W Digital Input smart amp with I/V sense and integrated 13 V Class-H Boost
NOVEMBER 2023
More results

Similar Description - PTAS2-30-L1-CCW-M12A5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
   Extremely robust Inclination Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com