Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV07171-VL2A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV07171-VL2A
Description  1/6 inch VGA CameraChip for ultra-thin camera modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07171-VL2A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV07171-VL2A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07171-VL2A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ OV07670-VL2A
(color, CSP2-24)
ordering information
OV7670
applications
block diagram
Version 1.3:2.2, May, 2006
product specifications
¬ high sensitivity for low-light
operation
¬ low operating voltage for
embedded portable apps
¬ VarioPixel® method for sub-
sampling
¬ automatic image control
functions including: AEC, AGC,
AWB, ABF, and ABLC
¬ image quality controls including
color saturation, hue, gamma,
sharpness (edge enhancement),
and anti-blooming
¬ ISP includes noise reduction and
defect correction
¬ supports LED and flash
strobe mode
¬ supports scaling
¬ lens shading correction
¬ flicker (50/60 Hz) auto
detection
¬ edge enhancement level
auto adjust
¬ de-noise level auto adjust
product features
¬
active array size:
640 x 480 (VGA)
¬
power supply
digital core:1.8VDC ±10%
analog: 2.45V to 3.0V
I/O: 1.7V to 3.0V
¬
power requirements
active: 60 mW typical
(15fps VGA YUV format)
standby: < 20 μA
¬
lens size: 1/6"
¬
chief ray angle: 25°
¬
maximum image transfer rate:
30 fps for VGA
¬
S/N ratio: 46 dB
¬
pixel size: 3.6 μm x 3.6 μm
¬
package dimensions:
3785 μm x 4235 μm
¬ cellular and camera phones
¬ toys
¬ PC multimedia
¬ digital still cameras
OmniVision reserves the right to make changes to their products or to discontinue
any product or service without further notice. ‘OmniVision’, the OmniVision logo,
‘VarioPixel’, and ‘OmniPixel’ are registered trademarks of OmniVision Technology. All
other trademarks are the property of their respective owners.
1341 Orleans Drive
Sunnyvale, CA 94089
USA
tel: + 1 408 542 3000
fax: + 1 408 542 3001
www.ovt.com
¬ OV07171-VL2A
(b&w, CSP2-24)


Similar Part No. - OV07171-VL2A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07171-VL2A OMNIVISION-OV07171-VL2A Datasheet
207Kb / 2P
   1/6 inch VGA CameraChip for ultra-thin camera modules
More results

Similar Description - OV07171-VL2A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7670 OMNIVISION-OV7670 Datasheet
207Kb / 2P
   1/6 inch VGA CameraChip for ultra-thin camera modules
OV07690-AL9A OMNIVISION-OV07690-AL9A Datasheet
172Kb / 2P
   1/13 inch VGA CameraChip sensor
OV7690 OMNIVISION-OV7690 Datasheet
172Kb / 2P
   1/13 inch VGA CameraChip??sensor with OmniPixel3??technology
OV07680-G00A OMNIVISION-OV07680-G00A Datasheet
220Kb / 2P
   1/10 inch VGA image sensor for low cost, ultra-slim camera phones
logo
STMicroelectronics
VS6555 STMICROELECTRONICS-VS6555 Datasheet
456Kb / 7P
   Ultra small reflowable VGA camera module
logo
Toshiba Semiconductor
TCM9001MD TOSHIBA-TCM9001MD Datasheet
722Kb / 40P
   1/10” VGA size Camera Module
Dec. 12, 2008
logo
OmniVision Technologies...
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
   1/4-inch, 3 megapixel CameraChip sensor
logo
Micron Technology
MT9V012 MICRON-MT9V012 Datasheet
783Kb / 53P
   1/6-Inch VGA CMOS Digital Image Sensor
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
logo
OmniVision Technologies...
OV02650-VL9A OMNIVISION-OV02650-VL9A Datasheet
227Kb / 2P
   ultra small 1/5 2 Megapixel CameraChip sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com