Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV05642-G04A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV05642-G04A
Description  the world first 1/4-inch 5 megapixel SOC image sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV05642-G04A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV05642-G04A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV05642-G04A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4275 Burton Drive
Santa Clara, CA 95054
tel: +1 408 567 3000
fax: +1 408 567 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. OmniVision and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. The OmniVision logo, CameraChip and
OmniBSI are trademarks of OmniVision Technologies, Inc. All other trademarks are the
property of their respective owners.
Version 1.0, august 2008
column
sample/hold
image sensor core
OV5642
image sensor processor
image output
interface
PLL
control register bank
SCCB
slave
interface
timing generator
and system control logic
image
array
gain
control
50/60Hz
auto
detection
10-bit
ADC
AMP
MIPI
control
interface
micro
controller
MIPI
RX
MIPI TX
D[9:0]
MDP[2:1]
MDN[2:1]
MCP
MCN
DVP
5642_PB_001
functional block diagram
product specifications
product features
OV5642
optical format: 1/4"
array size: 2592 x 1944
power supply:
– core: 1.5VDC ± 5%
(internal regulator)
– analog: 2.6 ~ 3.0V
– I/O: 1.7 ~ 3.0V
power consumption: TBD
dynamic range: TBD
pixel size: 1.4 μm x 1.4 μm
ordering information
mobile phones
PC multimedia
games/toys
1.4 micron OmniBSI technology
ultra high performance
embedded TrueFocus™ ISP, enabling
better denoise, sharpening, gamma
correction and color correction
automatic image control functions:
automatic exposure control (AEC),
automatic white balance (AWB),
automatic band filter (ABF),
automatic 50/60 Hz luminance
detection, automatic black level
calibration (ABLC)
programmable controls for frame
rate, AEC/AGC 16-zone size/
position/weight control, mirror and
flip, scaling, cropping, windowing,
and panning
frame rate:
– 5 megapixel (2592 x 1944): 15 fps
(and any size scaling down from
5 megapixel)
– 1080p (1920 x 1080): 30 fps
– 720p (1280 x 720): 60 fps
– VGA (640 x 480): 60 fps
– QVGA (320 x 240): 120 fps
image area: 3673.6 μm x 2738.4 μm
temperature range:
– operational: -30°C to 70°C
– optimal: 0° to 50°C
package/die dimensions:
– CSP3: 6945 μm x 6695 μm
– COB: 6960 μm x 6710 μm
image quality controls: color
saturation, hue, gamma, sharpness,
lens correction, defective pixel
cancelling, and noise cancelling
support for output formats: RAW
RGB, RGB565/555/444, CCIR656,
YUV422/420, YCbCr422, and
compression
support for auto focus control
(AFC)
standard serial SCCB interface
MIPI serial input/output interface
programmable I/O drive capability
support for mechanical shutter, ND
filter and IRIS control
built-in 1.5V regulator for core
applications
OV05642-A63A
(color, lead-free, 63-pin CSP3)
OV05642-G04A
(color, chip probing, 200 μm backgrinding, reconstructed wafer)


Similar Part No. - OV05642-G04A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV05645-A66A OMNIVISION-OV05645-A66A Datasheet
1Mb / 2P
   High Quality 5-Megapixel Photography and HD Video for Low-Cost Mobile Devices
OV05645-G04A OMNIVISION-OV05645-G04A Datasheet
1Mb / 2P
   High Quality 5-Megapixel Photography and HD Video for Low-Cost Mobile Devices
More results

Similar Description - OV05642-G04A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
OmniVision Technologies...
OV8858 OMNIVISION-OV8858 Datasheet
598Kb / 2P
   Cost-Effective 1/4-Inch 8-Megapixel Image Sensor
logo
Micron Technology
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
logo
Micron Technology
MT9V111 MICRON-MT9V111 Datasheet
615Kb / 46P
   1/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor
logo
OmniVision Technologies...
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
   1/4-inch, 3 megapixel CameraChip sensor
logo
Micron Technology
MT9M011 MICRON-MT9M011 Datasheet
902Kb / 41P
   1/3-Inch Megapixel CMOS Active-Pixel Digital Image Sensor
logo
ON Semiconductor
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com