Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2077A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2077A
Description  7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2077A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB2077A Datasheet HTML 8Page - Texas Instruments TUSB2077A Datasheet HTML 9Page - Texas Instruments TUSB2077A Datasheet HTML 10Page - Texas Instruments TUSB2077A Datasheet HTML 11Page - Texas Instruments TUSB2077A Datasheet HTML 12Page - Texas Instruments TUSB2077A Datasheet HTML 13Page - Texas Instruments TUSB2077A Datasheet HTML 14Page - Texas Instruments TUSB2077A Datasheet HTML 15Page - Texas Instruments TUSB2077A Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TUSB2077A
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS414 – MARCH 2000
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus-powered hub, ganged port power management
When used in bus-powered mode, the TUSB2077A supports up to four downstream ports by controlling a
TPS2041 device which is capable of supplying 100 mA of current to each downstream port. Bus-powered hubs
must implement power switching to ensure current demand is held below 100 mA when the hub is hot-plugged
into the system. Utliizing the TPS2041 for ganged power management provides over-current protection for the
downstream ports. The SN75240 transient suppressors reduce inrush current and voltage spikes on the data
lines. The OVRCUR signals should be tied together for a ganged operation.
† TPS2041 and SN75240 are Texas Instruments devices.
‡ 120
µF per hub is the minimum required per the USB specification, version 1.1. However, TI recommends a 100 µF low ESR tantulum capacitor
per port for immunity to voltage droop.
§ LDO is a 5 V to 3.3 V voltage regulator. TPS76333 from Texas Instruments can be used.
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
PWRON2
PWRON3
PWRON4
OVRCUR1
OVRCUR2
OVRCUR3
OVRCUR4
DM4
DP0
DM0
VCC
XTAL1
XTAL2
EXTMEM
RESET
SN75240†
EN
IN
OC
OUT
D +
D –
5 V
GND
D +
D –
5 V
D +
D –
5 V
D +
D –
5 V
Downstream
Ports
TUSB2077A
TPS2041†
A
B
C
D
100
µF
SN75240†
A
B
C
D
GND
GND
GND
1
µF
100
µF
100
µF
100
µF
5 V
3.3 V
GND
D +
D –
Upstream
Port
3.3 V LDO§
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
GND
Ferrite Beads
Ferrite Beads
Ferrite Beads
Ferrite Beads
EEDATA/GANGED
6-MHz Clock
Signal
BUSPWR
System
Power-On Reset
OUT
OUT
IN
3.3 V
1.5 k
15 k
15 k
15 k
15 k
15 k
15 k
15 k
15 k
DP5–DP7
DM5–DM7
PWRON5–7
OVRCUR5–7
NC
3.3 V
MODE
DP0PUR
Figure 9. TUSB2077A Bus-Powered Hub, Ganged Port Power Management Application


Similar Part No. - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI1-TUSB2077A Datasheet
977Kb / 26P
[Old version datasheet]   TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APT TI1-TUSB2077APT Datasheet
977Kb / 26P
[Old version datasheet]   TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APT TI1-TUSB2077APT Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077APTG4 TI1-TUSB2077APTG4 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2077A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A_15 Datasheet
977Kb / 26P
[Old version datasheet]   TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com