Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV05623-G00A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV05623-G00A
Description  high performance auto-focus module for camera phones
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV05623-G00A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV05623-G00A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV05623-G00A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1341 Orleans Drive
Sunnyvale, CA 94089
tel: +1 408 542 3000
fax: +1 408 542 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. ‘OmniVision’, the OmniVision logo,
‘VarioPixel’, and ‘OmniPixel’ are registered trademarks of OmniVision Technology. All
other trademarks are the property of their respective owners.
Version 1.0, February, 2007
column
sense amps
image
array
gain
control
balance
control
buffer
test
pattern
generator
compact
camera
port
(CCP)
Y[9:0]
PCLK
HREF
VSYNC
CP
CN
DP
DN
AMP
timing generator
and control logic
control
register bank
SCCB slave
interface
frequency
doubler
DSP*
10-bit
A/D
50/60 Hz
auto
detect
digital
video
port
(DVP)
DSP* (white/black pixel correction, etc.)
note 1
5623_PB_001
functional block diagram
product specifications
product features
OV5623
array size: 2592 x 1944
power supply:
analog: 2.6 ~ 3.0V
digital: 1.2V ± 5%
output format:
10-bit digital RGB Raw data
lens size: 1/2.5"
maximum system clock: 48 MHz
ordering information
camera/video phones
optical black level calibration
video or snapshot operations
programmable/auto exposure
and gain control
programmable/auto white
balance control
horizontal and vertical subsampling
for high frame rate with excellent
image quality
high frame rate output mode
programmable image windowing
variable frame rate control
on-chip luminance average counter
max image transfer rate:
full: 2592 x 1944
SXGA: 1280 x 960
D1: 720 x 480
VGA: 640 x 480
chief ray angle: 23 ~ 25o
pixel size: 2.2 μm x 2.2 μm
standard module size:
14 x 14 x 8.75mm
VarioPixel2
(binning)
1:2, 1:3, 1:4, 1:6
supsampling (skip) 1:2, 1:3, 1:4, 1:8
flash control output (strobe pin)
50/60 Hz light auto detection
image vertical flip /
horizontal mirror
defect pixel correction
internal/external frame
synchronization
serial bus interface
power-on reset and
power-down modes
applications
OV05623-G00A
(color, COB,no backgrinding)
OV05623-G02A
(color, COB,std backgrinding)


Similar Part No. - OV05623-G00A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV05620-C03A OMNIVISION-OV05620-C03A Datasheet
198Kb / 2P
   advanced digital imaging and HD video
OV05620-C03A OMNIVISION-OV05620-C03A Datasheet
198Kb / 2P
   advanced digital imaging and HD video
OV05620-G00A OMNIVISION-OV05620-G00A Datasheet
198Kb / 2P
   advanced digital imaging and HD video
OV05620-G00A OMNIVISION-OV05620-G00A Datasheet
198Kb / 2P
   advanced digital imaging and HD video
OV05620-GO2A OMNIVISION-OV05620-GO2A Datasheet
198Kb / 2P
   advanced digital imaging and HD video
More results

Similar Description - OV05623-G00A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
   QXGA camera module with auto focus
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
   QXGA camera module with auto-focus
logo
Hamamatsu Corporation
L5871 HAMAMATSU-L5871 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
   3.2 Megapixel QXGA camera module with auto focus
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Hamamatsu Corporation
L4492 HAMAMATSU-L4492 Datasheet
105Kb / 2P
   Low forward voltage LED for camera auto-focus
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
logo
STMicroelectronics
VS6955CA STMICROELECTRONICS-VS6955CA Datasheet
1Mb / 90P
   5.0 megapixel fixed-focus camera module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com