Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6748ZCE3 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMX320C6748ZCE3
Description  Fixed/Floating-Point DSP
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6748ZCE3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMX320C6748ZCE3 Datasheet HTML 5Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 6Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 7Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 8Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 9Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 10Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 11Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 12Page - Texas Instruments TMX320C6748ZCE3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 242 page
background image
TMS320C6748 Fixed/Floating-Point DSP
www.ti.com
SPRS590 – JUNE 2009
Table 3-1. Characteristics of C6748
HARDWARE FEATURES
C6748
DDR2/mDDR Controller
DDR2 or Mobile DDR, 16-bit bus width, up to 150 MHz
Asynchronous (8/16-bit bus width) RAM, Flash, 16-bit
EMIFA
SDRAM, NOR, NAND
Flash Card Interface
MMC and SD cards supported.
64 independent channels, 16 QDMA channels, 2 channel
EDMA3
controllers, 3 transfer controllers
4 64-Bit General Purpose (configurable as 2 separate 32-bit
Timers
timers, 1 configurable as Watch Dog)
UART
3 (each with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Peripherals
Multichannel Audio Serial Port [McASP]
1 (each with transmit/receive, FIFO buffer, 16 serializers)
Not all peripherals pins
Multichannel Buffered Serial Port [McBSP]
2 (each with transmit/receive, FIFO buffer, 16)
are available at the
same time (for more
10/100 Ethernet MAC with Management Data I/O
1 (MII or RMII Interface)
detail, see the Device
4 Single Edge, 4 Dual Edge Symmetric, or 2 Dual Edge
Configurations section). eHRPWM
Asymmetric Outputs
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
UHPI
1 (16-bit multiplexed address/data)
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
USB 1.1 (USB1)
Full-Speed OHCI (as host) with on-chip PHY
General-Purpose Input/Output Port
9 banks of 16-bit
LCD Controller
1
SATA Controller
1 (Support both SATA I and SATAII)
Universal Parallel Port (uPP)
1
Video Port Interface (VPIF)
1 (video in and video out)
Size (Bytes)
488KB RAM, 1088KB Boot ROM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2)
On-Chip Memory
1024KB ROM (L2)
Organization
DSP Memories can be made accessible to EDMA3 and
other peripherals.
ADDITIONAL SHARED MEMORY
128KB RAM
C674x CPU ID + CPU
Control Status Register (CSR.[31:16])
0x1400
Rev ID
C674x Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
JTAG BSDL_ID
DEVIDR0 Register
0x0B7D_102F
CPU Frequency
MHz
674x DSP 300 MHz
Cycle Time
ns
674x DSP 3.33 ns
CPU Frequency
MHz
674x DSP 300 MHz
Cycle Time
ns
674x DSP 3.33 ns
Core (V)
1.2 V
Voltage
I/O (V)
1.8V or 3.3 V
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
Packages
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Submit Documentation Feedback
Device Overview
9


Similar Part No. - TMX320C6748ZCE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6748ZCE3 TI-TMX320C6748ZCE3 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMX320C6748ZCE3 TI-TMX320C6748ZCE3 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results

Similar Description - TMX320C6748ZCE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com