Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6742ZWTA3 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMX320C6742ZWTA3
Description  Fixed/Floating-Point DSP
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6742ZWTA3 Datasheet(HTML) 4 Page - Texas Instruments

  TMX320C6742ZWTA3 Datasheet HTML 1Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 2Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 3Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 4Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 5Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 6Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 7Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 8Page - Texas Instruments TMX320C6742ZWTA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 167 page
background image
1.3 Description
TMS320C6742 Fixed/Floating-Point DSP
SPRS587 – JUNE 2009
www.ti.com
The device is a Low-power applications processor based on a C674x DSP core. It provides significantly
lower power than other members of the TMS320C6000™ platform of DSPs.
The device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The device DSP core uses a two-level cache-based architecture. The Level 1 program cache (L1P) is a
32KB direct mapped cache and the Level 1 data cache (L1D) is a 32KB 2-way set-associative cache. The
Level 2 program cache (L2P) consists of a 64KB memory space that is shared between program and data
space. L2 also has a 1024KB Boot ROM. L2 memory can be configured as mapped memory, cache, or
combinations of the two. Although the DSP L2 is accessible by other hosts in the system.
The peripheral set includes: one inter-integrated circuit (I2C) Bus interface; one multichannel audio serial
port (McASP) with 16 serializers and FIFO buffers; one multichannel buffered serial port (McBSP) with
FIFO buffers; one SPI interface with multiple chip selects; two 64-bit general-purpose timers each
configurable (one configurable as watchdog); a configurable 16-bit host port interface (HPI) ; up to 9 banks
of 16 pins of general-purpose input/output (GPIO) with programmable interrupt/event generation modes,
multiplexed with other peripherals; one UART interface ( with RTS and CTS); two enhanced
high-resolution pulse width modulator (eHRPWM) peripherals; 3 32-bit enhanced capture (eCAP) module
peripherals which can be configured as 3 capture inputs or 3 auxiliary pulse width modulator (APWM)
outputs; and 2 external memory interfaces: an asynchronous and SDRAM external memory interface
(EMIFA) for slower memories or peripherals, and a higher speed DDR2/Mobile DDR controller.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
The device has a complete set of development tools for the DSP. These include C compilers, a DSP
assembly optimizer to simplify programming and scheduling, and a Windows™ debugger interface for
visibility into source code execution.
TMS320C6742 Fixed/Floating-Point DSP
4
Submit Documentation Feedback


Similar Part No. - TMX320C6742ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6742ZWT TI1-TMX320C6742ZWT Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMX320C6742ZWTA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com