Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3007 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3007
Description  LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3007 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3007 Datasheet HTML 4Page - Texas Instruments TLV320AIC3007 Datasheet HTML 5Page - Texas Instruments TLV320AIC3007 Datasheet HTML 6Page - Texas Instruments TLV320AIC3007 Datasheet HTML 7Page - Texas Instruments TLV320AIC3007 Datasheet HTML 8Page - Texas Instruments TLV320AIC3007 Datasheet HTML 9Page - Texas Instruments TLV320AIC3007 Datasheet HTML 10Page - Texas Instruments TLV320AIC3007 Datasheet HTML 11Page - Texas Instruments TLV320AIC3007 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
TLV320AIC3007
SLOS619 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC = 3.3 V, DRVDD = 3.3 V, SPVDD = 5 V, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48-kHz, 16-bit audio data
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO DAC - LINEOUT AND HEADPHONE OUT DRIVERS
First option
1.35
Second option
1.5
Output common mode
V
Third option
1.65
Fourth option
1.8
Output volume control
9
dB
max setting
Output volume control
1
dB
step size
SPEAKER AMPLIFIER OUTPUT, LOAD = 8
1 kHz, 0dB full-scale input signal,
Full-scale output voltage
Output volume control for left line output = 0 dB, for class-D = 0 dB
2.5
Vrms
Output common mode setting = 1.35 V, Fs = 48 kHz
1 kHz, 0dB full-scale input signal,
Output volume control for left line output = -4.5 dB, for class-D = 6
Output voltage
2.875
Vrms
dB
Output common mode setting = 1.35 V, Fs = 48 kHz
Idle Channel Noise
No input signal, output gain control = 0 dB
-92
dB
1 kHz,–60 dB full-scale input signal,
Dynamic range,
Output volume control for left line output = 0 dB, for class-D = 0 dB
91
dB
A-weighted
Output common mode setting = 1.35 V, Fs = 48 kHz
1 kHz, 0 dB full-scale input signal,
Output volume control for left line output = –4.5 dB, for class-D = 6
1.77%
Total harmonic distortion
dB
dB
-35
Output common mode setting = 1.35 V, Fs = 48 kHz, 1 W output
power
1 kHz, –6 dB full-scale input signal,
Output volume control for left line output = –4.5 dB, for class-D = 6
0.056%
0.316%
Total harmonic distortion
dB
dB
-65
-50
Output common mode setting = 1.35 V, Fs = 48 kHz, 250 mW output
power
217 Hz Signal applied to SPVDD
37
Power supply rejection
dB
ratio
1 kHz Signal applied to SPVDD
33
1 kHz, 0 dB input full-scale signal,
Gain Error
Output volume control = 0 dB,
-1.6
dB
Output common mode setting = 1.35 V, Fs = 48 kHz
DAC DIGITAL INTERPOLATION – FILTER Fs = 48-ksps
Passband
0
0.45 × Fs
Hz
Passband ripple
±0.06
dB
Transition band
0.45 × Fs
0.55 × Fs
Hz
Stopband
0.55 × Fs
7.5 × Fs
Hz
Stopband attenuation
65
dB
Group delay
21/Fs
s
DIGITAL I/O
0.3 ×
VIL
Input low level
–0.3
V
IOVDD
IOVDD > 1.6 V
0.7 × IOVDD
VIH
Input high level(3)
V
IOVDD < 1.6 V
1.1
0.1 ×
VOL
Output low level
V
IOVDD
VOH
Output high level
0.8 × IOVDD
V
(3)
When IOVDD < 1.6V, minimum VIH is 1.1V.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TLV320AIC3007


Similar Part No. - TLV320AIC3007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBR TI1-TLV320AIC3100IRHBR Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3100IRHBT TI1-TLV320AIC3100IRHBT Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results

Similar Description - TLV320AIC3007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com