Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG4000BX-90DA Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FG4000BX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG4000BX-90DA Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FG4000BX-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG4000BX-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG4000BX-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG4000BX-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug.1998
4800
4200
3600
3000
2400
1800
600
1200
0
2000
0
500
1000
1500 1750
250
750
1250
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
θ = 30°
60°
270°
DC
180°
90°
120°
4000
3000
2500
1500
500
0
1200
0
1000
2000
3500
300
600
900
θ = 30°
θ
360°
RESISTIVE,
INDUCTIVE
LOAD
60°
90°
180°
120°
130
110
100
80
60
50
1200
0
70
90
120
300
600
900
θ
360°
RESISTIVE,
INDUCTIVE
LOAD
θ = 30°
60°
90° 120° 180°
140
130
120
110
100
90
70
80
60
2000
0
500
1000
1500 1750
250
750
1250
360°
RESISTIVE,
INDUCTIVE
LOAD
θ
θ = 30°
90°
180°
120°
270°
8000
5000
4000
2000
1000
0
140
–60
–20
20
60
7000
100
3000
6000
VD = 5 ~ 20V
IT = 25 ~ 200A
HALF SINE WAVE
10.0
8.0
9.0
5.0
4.0
2.0
1.0
0
100
50
10
0
20 30 40
60 70
7.0
80 90
3.0
6.0
td
tgt
IT = 3000A
VD = 3400V
diT/dt = 500A/
µs
diG/dt = 20A/
µs
Tj = 125°C
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM ON-STATE POWER DISSIPATION
CHARACTERISTICS
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE FIN TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
JUNCTION TEMPERATURE (°C)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
(TYPICAL)
TURN ON GATE CURRENT (A)
TURN ON TIME, TURN ON DELAY TIME
VS. TURN ON GATE CURRENT
(TYPICAL)
MITSUBISHI GATE TURN-OFF THYRISTORS
FG4000BX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
60°
DC


Similar Part No. - FG4000BX-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FG4000BX-90DA POWEREX-FG4000BX-90DA Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG4000BX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com