Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS17KT Datasheet(PDF) 2 Page - ASM GmbH

Part # WS17KT
Description  analog or SSI output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS17KT Datasheet(HTML) 2 Page - ASM GmbH

  WS17KT Datasheet HTML 1Page - ASM GmbH WS17KT Datasheet HTML 2Page - ASM GmbH WS17KT Datasheet HTML 3Page - ASM GmbH WS17KT Datasheet HTML 4Page - ASM GmbH WS17KT Datasheet HTML 5Page - ASM GmbH WS17KT Datasheet HTML 6Page - ASM GmbH WS17KT Datasheet HTML 7Page - ASM GmbH WS17KT Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASM
CAT-WS-E-05
17
www.asm-sensor.com
Dimensions (mm)
Range
A
1500
17.5
2000
9.5
2500
2.5
Cable Forces and
Weights
typical at 20 °C
Range
[mm]
Weight (approx.)
[kg]
Maximum pull-out force
[N]
Minimum pull-in force
[N]
1500
1.4
11.0
6.2
2000
1.4
8.5
4.8
2500
1.5
5.5
3.5
3000
2.9
14.5
10.3
4000
2.9
12.7
9.1
5000
5.3
13.0
9.3
6250
5.5
10.2
7.3
10000
6.0
16.5
9.1
12500
6.0
16.5
9.1
15000
6.0
16.5
9.1
Outline drawing
WS17KT-1500 /
2000 / 2500
Dimensions informative only.
For guaranteed dimensions consult factory
Model WS17KT
with analog or SSI output


Similar Part No. - WS17KT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
   WS1 Series Snap Action Switch
logo
List of Unclassifed Man...
WS1-020S ETC2-WS1-020S Datasheet
46Kb / 1P
   WS1-020S
logo
ASM GmbH
WS1.1 ASM-SENSOR-WS1.1 Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-10V ASM-SENSOR-WS1.1-100-10V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-1V ASM-SENSOR-WS1.1-100-1V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
More results

Similar Description - WS17KT

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
   Analog or Digital Triple Output DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com