Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAM2-1-5-U2-2-M12A5 Datasheet(PDF) 5 Page - ASM GmbH

Part # PTAM2-1-5-U2-2-M12A5
Description  Inclination Sensor with Analog Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM2-1-5-U2-2-M12A5 Datasheet(HTML) 5 Page - ASM GmbH

  PTAM2-1-5-U2-2-M12A5 Datasheet HTML 1Page - ASM GmbH PTAM2-1-5-U2-2-M12A5 Datasheet HTML 2Page - ASM GmbH PTAM2-1-5-U2-2-M12A5 Datasheet HTML 3Page - ASM GmbH PTAM2-1-5-U2-2-M12A5 Datasheet HTML 4Page - ASM GmbH PTAM2-1-5-U2-2-M12A5 Datasheet HTML 5Page - ASM GmbH PTAM2-1-5-U2-2-M12A5 Datasheet HTML 6Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRPT-BPL2
PRPT-BPL3
33 [1.299]
Ø
42
[1.6
54]
4 [.157]
55 [2.165]
3x M2,5
90
°
11
3x M4
48
[1.890
]
33 [1.299]
Ø
40 [1.575]
42
[1.65
4]
5
,5
[.2
17
]
4 [.157]
55 [2.165]
3x M2,5
90°
110
°
3x M4
48 [1
.890]
PRPT-BPL1
ASM
CAT-PR/PT-E-08
31
www.asm-sensor.com
Weight 30 g approx.
Dimensions informative only.
For guaranteed dimensions please consult factory.
Dimensions in mm [inch]
(screw mounting)
For PRAS2, PRDS2,
PRAS3, PRDS3, PTAS2
(welding assembly)
For PRAS2, PRDS2,
PRAS3, PRDS3, PTAS2
For PRAS3, PRDS3
POSIROT®
Accessories
Mounting plates
In combination with the
mounting clamps
PRPT-BFS1.
In combination with the
mounting clamps
PRPT-BFS1.
In combination with the
mounting brackets
PRPT-BFS2.
In combination with the
mounting brackets
PRPT-BFS2.


Similar Part No. - PTAM2-1-5-U2-2-M12A5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CCW ASM-SENSOR-PTAM27-1-15-L1-CCW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-L1-CW ASM-SENSOR-PTAM27-1-15-L1-CW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM27-1-15-U2-CCW ASM-SENSOR-PTAM27-1-15-U2-CCW Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
More results

Similar Description - PTAM2-1-5-U2-2-M12A5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
   Extremely robust Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
INY160DH-F199-B16-2V15 PF-INY160DH-F199-B16-2V15 Datasheet
747Kb / 3P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com