Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5952RHBR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5952RHBR
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952RHBR Datasheet(HTML) 4 Page - Texas Instruments

  TLC5952RHBR Datasheet HTML 1Page - Texas Instruments TLC5952RHBR Datasheet HTML 2Page - Texas Instruments TLC5952RHBR Datasheet HTML 3Page - Texas Instruments TLC5952RHBR Datasheet HTML 4Page - Texas Instruments TLC5952RHBR Datasheet HTML 5Page - Texas Instruments TLC5952RHBR Datasheet HTML 6Page - Texas Instruments TLC5952RHBR Datasheet HTML 7Page - Texas Instruments TLC5952RHBR Datasheet HTML 8Page - Texas Instruments TLC5952RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ELECTRICAL CHARACTERISTICS
D
(%)=
I
OUTXn
-
1
(I
+I
+...+I
)
OUTX0
OUTX1
OUTX6 +IOUTX7
8
´
100
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+
+
)
OUTX0
¼
I
+I
OUTX1
OUTX7
8
´
100
I
=40
´
OUTRn/Gn(IDEAL, mA)
1.20
R
( )
W
IREF
I
=30
´
OUTBn(IDEAL, mA)
1.20
R
( )
W
IREF
TLC5952
SBVS129 – MAY 2009........................................................................................................................................................................................................ www.ti.com
At TA = –40°C to +85°C, VCC = 3 V to 5.5 V, and VLED = 5 V, unless otherwise noted. Typical values are at TA = +25°C and
VCC = 3.3 V.
TLC5952
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –1 mA at SOUT
VCC – 0.4
VCC
V
VOL
Low level output voltage
IOL = 1 mA at SOUT
0.4
V
IIN
Input current
VI = VCC or GND at SIN, SCLK, LAT, and BLANK
–1
1
µA
SIN, SCLK, LAT = low, BLANK = high,
ICC1
VOUTRn/Gn/Bn = 1 V, BCR/G/B = 7Fh,
1
3
mA
RIREF = 24 kΩ (IOUTRn/Gn = 2 mA target, IOUTBn = 1.5 mA target)
SIN, SCLK, LAT = low, BLANK = high,
ICC2
VOUTRn/Gn/Bn = 1 V, BCR/G/B = 7Fh,
8
14
mA
RIREF = 2.4 kΩ (IOUTRn/Gn = 20 mA target, IOUTBn = 15 mA target)
Supply current
SIN, SCLK, LAT = low, BLANK = low, all OUTRn/Gn/Bn = on,
ICC3
VOUTRn/Gn/Bn = 1 V, BCR/G/B = 7Fh,
12
30
mA
RIREF = 2.4 kΩ (IOUTRn/Gn = 20 mA target, IOUTBn = 15 mA target)
SIN, SCLK, LAT = low, BLANK = low, all OUTRn/Gn/Bn = on,
ICC4
VOUTRn/Gn/Bn = 1 V, BCR/G/B = 7Fh,
20
50
mA
RIREF = 1.5 kΩ (IOUTRn/Gn = 32 mA target, IOUTBn = 24 mA target)
At OUTR0-OUTR7 and OUTG0-OUTG7,
All OUTRn/Gn/Bn = on, BCR/G/B = 7Fh,
IOLC
29
32
35
mA
VOUTRn/Gn/Bn = VOUTfix = 1 V,
RIREF = 1.5 kΩ (IOUTRn/Gn = 32 mA target)
Constant output current
At OUTB0-OUTB7,
All OUTRn/Gn/Bn = on, BCR/G/B = 7Fh,
IOLC1
21.8
24
26.2
mA
VOUTRn/Gn/Bn = VOUTfix = 1 V,
RIREF = 1.5 kΩ (IOUTBn = 24 mA target)
At OUTR0-OUTR7, OUTG0-OUTG7, and OUTB0-OUTB7,
IOLKG
Leakage output current
0.1
µA
BLANK = high, VOUTRn/Gn/Bn = VOUTfix = 15 V, RIREF = 1.5 kΩ
At OUTR0-OUTR7, OUTG0-OUTG7, and OUTB0-OUTB7,
Constant-current error(1)
All OUTRn/Gn/Bn = on, BCR/G/B = 7Fh,
ΔIOLC
(channel-to-channel in
VOUTRn/Gn/Bn = VOUTfix = 1 V,
±1
±3
%
same color group)
RIREF = 1.5 kΩ (IOUTRn/Gn = 32 mA target, IOUTBn = 24 mA target),
at same color group output
At OUTR0-OUTR7, OUTG0-OUTG7, and OUTB0-OUTB7,
Constant current error(2)
All OUTRn/Gn/Bn = on, BCR/G/B = 7Fh,
ΔIOLC1
(device to device in
VOUTRn/Gn/Bn = VOUTfix = 1 V,
±3
±6
%
same color group)
RIREF = 1.5 kΩ (IOUTRn/Gn = 32 mA target, IOUTBn = 24 mA target),
at same color group output
(1)
The deviation of each output in the same color group from the average of the same color group (OUTR0-OUTR7, OUTG0-OUTG7, or
OUTB0-OUTB7) constant current. The deviation is calculated by the formula (X = R, G, or B; n = 0-7):
(2)
The deviation of the constant-current average of each color group from the ideal constant-current value. The deviation is calculated by
the formula (X = R, G, or B):
Ideal current is calculated by the following equation for OUTR0-OUTR7 and OUTG0-OUTG7 (X = R, G, or B):
Ideal current is calculated by the following equation for OUTR0-OUTR7 and OUTG0-OUTG7 (X = R, G, or B):
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC5952


Similar Part No. - TLC5952RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5952RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5954 TI1-TLC5954 Datasheet
1Mb / 45P
[Old version datasheet]   TLC5954 48-Channel, Constant-Current LED Driver with Global Brightness Control, LED Open-Short Detection, and Power-Save Mode
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com