Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TUSB2040A Datasheet(PDF) 6 Page - Texas Instruments

Part No. TUSB2040A
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TUSB2040A Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – FEBRUARY 1998 – REVISED MARCH 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
differential driver switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 50 pF unless otherwise noted (see Figures 1 and 2)
full speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM)
Rise/fall time matching
(tr/tf) x 100
90
110
%
VO(CRS) Signal crossover output voltage
1.3
2.0
V
low speed mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP to DM
CL = 50 pF to 350 pF,
See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP to DM
CL = 50 pF to 350 pF,
See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching
(tr/tf) x 100
80
120
%
VO(CRS) Signal crossover output voltage
CL = 50 pF to 350 pF
1.3
2.0
V
CL
15 k
15 k
CL
Full
Low
V(TERM) = 2.8 V
1.5 k
DP
DM
22
22
Characterization
measurement point
Figure 1. Differential Driver Switching Load
tr
90%
10%
VOH
VOL
DM
DP
90%
10%
tf
Figure 2. Differential Driver Timing Waveforms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn