Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRDS2 Datasheet(PDF) 11 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 11 Page - ASM GmbH

Back Button PRDS2 Datasheet HTML 7Page - ASM GmbH PRDS2 Datasheet HTML 8Page - ASM GmbH PRDS2 Datasheet HTML 9Page - ASM GmbH PRDS2 Datasheet HTML 10Page - ASM GmbH PRDS2 Datasheet HTML 11Page - ASM GmbH PRDS2 Datasheet HTML 12Page - ASM GmbH PRDS2 Datasheet HTML 13Page - ASM GmbH PRDS2 Datasheet HTML 14Page - ASM GmbH PRDS2 Datasheet HTML 15Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
PRDS2
KAB-2M-M12/8F/G-LITZE
PRMAG ...
PRPT-BFS1
ASM
CAT-PR/PT-E-07
11
www.asm-sensor.com
Magnetic angle encoder 0 - 360 degrees in a 
flathousingwith36mmdia.
●  Protection class IP67/IP69K
● Non-contactwithexternalpositionmagnet
● Wearfree
● Flathousing–20mmthickness
● Incrementalencoderoutput
Specifications
Output
Incremental encoder outputs A, A, B, B, Z, Z,
RS4 compatible
Resolution
18, 56, 51, 104 pulses per revolution
Linearity
±1°; a misalignment of the position magnet has an effect on
the linearity (see page 30)
Measurement range
0 ... 360°
Max. revolutions
30,000 per min
Max. output frequency
500 kHz (the quadrature counter of the subsequent circuit
must be able to process >500 kHz)
Rated distance sensor / magnet
Depending on the position magnet, see page 30
Material
Aluminium / stainless steel / zinc (depends on the model)
Mounting
Clamps, mounting plate
Protection class
IP67/IP69K (connector output with IP69K connector cable)
IP67 (cable output, option IP67/IP69K)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order Code PRDS2   
Model name
Resolution (pulses/revolution)
18 / 56 / 51 / 104
Output (see page 8)
RS4
= RS4 compatible output with excitation 5 V DC
Connection
KAB3M
= Cable, standard length 3 m, IP67
KAB3M69K = Cable, standard length 3 m, IP67/IP69K
M1A8
= 8-pin socket M1 axial
M1R8
= 8-pin socket M1 radial (in preparation)
Order code connector cable (see accessories page 33)
Order code position magnet (see accessories page 30)
Orderexample:PRDS2-1024-RS422-KAB3M
Order code mounting clamps (set of 3 pieces)
POSIROT ®
PRDS2
Magnetic Angle Encoder with Incremental Output
PRELIMINAR
Y


Similar Part No. - PRDS2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PRDS5-K-1024-HT24VF-M12A8 ASM-SENSOR-PRDS5-K-1024-HT24VF-M12A8 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PRDS5-K-1024-HT24VF-M12R8 ASM-SENSOR-PRDS5-K-1024-HT24VF-M12R8 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PRDS5-K-1024-RS24VF-M12A8 ASM-SENSOR-PRDS5-K-1024-RS24VF-M12A8 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PRDS5-K-1024-RS24VF-M12R8 ASM-SENSOR-PRDS5-K-1024-RS24VF-M12R8 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
More results

Similar Description - PRDS2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com