Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB41LV06PZP Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB41LV06PZP
Description  IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV06PZP Datasheet(HTML) 2 Page - Texas Instruments

  TSB41LV06PZP Datasheet HTML 1Page - Texas Instruments TSB41LV06PZP Datasheet HTML 2Page - Texas Instruments TSB41LV06PZP Datasheet HTML 3Page - Texas Instruments TSB41LV06PZP Datasheet HTML 4Page - Texas Instruments TSB41LV06PZP Datasheet HTML 5Page - Texas Instruments TSB41LV06PZP Datasheet HTML 6Page - Texas Instruments TSB41LV06PZP Datasheet HTML 7Page - Texas Instruments TSB41LV06PZP Datasheet HTML 8Page - Texas Instruments TSB41LV06PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TSB41LV06
IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
SLLS289 – JANAURY1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TSB41LV06 supports an optional isolation barrier between itself and its LLC. When the ISO input terminal
is tied high, the LLC interface outputs behave normally. When the ISO terminal is tied low, internal differentiating
logic is enabled, and the outputs are driven such that they can be coupled through a capacitive or transformer
galvanic isolation barrier as described in IEEE 1394a section 5.9.4. To operate with TI Bus Holder isolation the
ISO on the PHY terminal must be tied HIGH.
Data bits to be transmitted through the cable ports are received from the LLC on two, four or eight parallel paths
(depending on the requested transmission speed) and are latched internally in the TSB41LV06 in
synchronization with the 49.152 MHz system clock. These bits are combined serially, encoded, and transmitted
at 98.304, 196.608, or 392.216 Mbits/s (referred to as S100, S200, and S400 speed, respectively) as the
outbound data-strobe information stream. During transmission, the encoded data information is transmitted
differentially on the TPB cable pair(s), and the encoded strobe information is transmitted differentially on the
TPA cable pair(s).
During packet reception the TPA and TPB transmitters of the receiving cable port are disabled, and the receivers
for that port are enabled. The encoded data information is received on the TPA cable pair, and the encoded
strobe information is received on the TPB cable pair. The received data-strobe information is decoded to recover
the receive clock signal and the serial data bits. The serial data bits are split into two, four or eight bit parallel
streams (depending upon the indicated receive speed), resynchronized to the local 49.152 MHz system clock
and sent to the associated LLC. The received data is also transmitted (repeated) on the other active (connected)
cable ports.
Both the TPA and TPB cable interfaces incorporate differential comparators to monitor the line states during
initialization and arbitration. The outputs of these comparators are used by the internal logic to determine the
arbitration status. The TPA channel monitors the incoming cable common-mode voltage. The value of this
common-mode voltage is used during arbitration to set the speed of the next packet transmission. In addition,
the TPB channel monitors the incoming cable common-mode voltage on the TPB pair for the presence of the
remotely supplied twisted-pair bias voltage.
The TSB41LV06 provides a 1.86 V nominal bias voltage at the TPBIAS terminal for port termination. The PHY
contains two independent TPBIAS circuits. This bias voltage, when seen through a cable by a remote receiver,
indicates the presence of an active connection. This bias voltage source must be stabilized by an external filter
capacitor of 1
µF.
The line drivers in the TSB41LV06 operate in a high-impedance current mode, and are designed to work with
external 110
Ω line-termination resistor networks in order to match the 110-Ω cable impedance. One network
is provided at each end of a twisted-pair cable. Each network is composed of a pair of series-connected 56-
resistors. The midpoint of the pair of resistors that is directly connected to the twisted pair A terminals is
connected to its corresponding TPBIAS voltage terminal. The midpoint of the pair of resistors that is directly
connected to the twisted-pair B terminals is coupled to ground through a parallel R-C network with
recommended values of 5 k
Ω and 220 pF. The values of the external line termination resistors are designed
to meet the standard specifications when connected in parallel with the internal receiver circuits. An external
resistor connected between the R0 and R1 terminals sets the driver output current, along with other internal
operating currents. This current setting resistor has a value of 6.3-k
Ω ±0.5%. This may be accomplished by
placing a 6.34-k
Ω ±0.5% resistor in parallel with a 1-MΩ resistor.
When the power supply of the TSB41LV06 is 0 V while the twisted-pair cables are connected, the TSB41LV06
transmitter and receiver circuitry will present a high impedance to the cable and will not load the TPBIAS voltage
at the other end of the cable.


Similar Part No. - TSB41LV06PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI-TSB41LV06APZP Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI1-TSB41LV06APZP Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZPG4 TI1-TSB41LV06APZPG4 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41LV06PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV06A TI-TSB41LV06A Datasheet
617Kb / 48P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com