Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB41LV06A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41LV06A
Description  IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41LV06A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB41LV06A Datasheet HTML 2Page - Texas Instruments TSB41LV06A Datasheet HTML 3Page - Texas Instruments TSB41LV06A Datasheet HTML 4Page - Texas Instruments TSB41LV06A Datasheet HTML 5Page - Texas Instruments TSB41LV06A Datasheet HTML 6Page - Texas Instruments TSB41LV06A Datasheet HTML 7Page - Texas Instruments TSB41LV06A Datasheet HTML 8Page - Texas Instruments TSB41LV06A Datasheet HTML 9Page - Texas Instruments TSB41LV06A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
TSB41LV06A
IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
SLLS363 – SEPTEMBER1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
AGND
TPBIAS4
TPA4+
TPB4+
TPBIAS3
TPA3+
TPA3–
TPB3+
TPB3–
TPBIAS2
TPA2+
TPB2+
TPB2–
TPBIAS1
TPA1+
TPA1–
TPB1+
TPB1–
AGND
DGND
LREQ
SYSCLK
DGND
CTL0
CTL1
D1
D2
D3
D4
D5
D6
D7
CNA
PD
LPS
DGND
PZP PACKAGE
(TOP VIEW)
DGND
DVDD
TPB4–
AVDD
AVDD
TPA2–
AVDD
DVDD
DVDD
D0
VDD–5V
DVDD
DGND
TPA4–
TSB41LV06A
Terminal Functions
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
AGND
46, 47, 48, 49,
50, 51, 75, 76,
81, 82, 90
Supply
Analog circuit ground terminals. These terminals should be tied together to the low
impedance circuit board ground plane.
AVDD
44, 45, 57, 63,
69, 77, 78, 79,
80
Supply
Analog circuit power terminals. A combination of high frequency decoupling capacitors near
each terminal is suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10 µF
filtering capacitors are also recommended. These supply terminals are separated from
PLLVDD and DVDD internal to the device to provide noise isolation. They should be tied at a
low impedance point on the circuit board.


Similar Part No. - TSB41LV06A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV06A TI1-TSB41LV06A Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZP TI1-TSB41LV06APZP Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06APZPG4 TI1-TSB41LV06APZPG4 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41LV06A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV06 TI-TSB41LV06 Datasheet
500Kb / 39P
[Old version datasheet]   IEEE 1394a SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com