Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP408 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP408
Description  Gigabit 8 x 8 CROSSPOINT SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP408 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP408 Datasheet HTML 1Page - Texas Instruments SN65LVCP408 Datasheet HTML 2Page - Texas Instruments SN65LVCP408 Datasheet HTML 3Page - Texas Instruments SN65LVCP408 Datasheet HTML 4Page - Texas Instruments SN65LVCP408 Datasheet HTML 5Page - Texas Instruments SN65LVCP408 Datasheet HTML 6Page - Texas Instruments SN65LVCP408 Datasheet HTML 7Page - Texas Instruments SN65LVCP408 Datasheet HTML 8Page - Texas Instruments SN65LVCP408 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Gain
Stage
+ EQ
RBBDC
VBB
Self−Biasing Network
LineEndTermination
VCC
VCC
ESD
IN+
IN−
RT(SE)
= 50 W
RT(SE)
= 50 W
VOCM
OUT−
OUT+
49.9 W
49.9 W
1 pF
PACKAGE THERMAL CHARACTERISTICS
SN65LVCP408
SLLS842 – JUNE 2009....................................................................................................................................................................................................... www.ti.com
Figure 1. Equivalent Input Circuit Design
Figure 2. Common-Mode Output Voltage Test Circuit
AVAILABLE OPTIONS(1)
PACKAGED DEVICE(2)
TA
DESCRIPTION
PAP (64 pin)
–40°C to 85°C
Serial multiplexer
SN65LVCP408
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The package is available taped and reeled. Add an R suffix to device types (e.g., SN65LVCP408PAP). Temperature range assumes 1
m/s airflow.
PACKAGE THERMAL CHARACTERISTICS(1)
NOM
UNIT
θ
JA (junction-to-ambient)
100LFM airflow is required otherwise a 4x4 thermal via array must be
21.2
°C/W
implemented with 6 layer or greater PCB.
(1)
See application note SPRA953 for a detailed explanation of thermal parameters (http://www-s.ti.com/sc/psheets/spra953/spra953.pdf).
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP408


Similar Part No. - SN65LVCP408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408PAPR TI1-SN65LVCP408PAPR Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408PAPT TI1-SN65LVCP408PAPT Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com