Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5310PAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 4Page - Texas Instruments PCM5310PAPR Datasheet HTML 5Page - Texas Instruments PCM5310PAPR Datasheet HTML 6Page - Texas Instruments PCM5310PAPR Datasheet HTML 7Page - Texas Instruments PCM5310PAPR Datasheet HTML 8Page - Texas Instruments PCM5310PAPR Datasheet HTML 9Page - Texas Instruments PCM5310PAPR Datasheet HTML 10Page - Texas Instruments PCM5310PAPR Datasheet HTML 11Page - Texas Instruments PCM5310PAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
PIN DESCRIPTIONS (continued)
PIN
NAME
NO.
I/O
DESCRIPTION
LO2R
16
O
Line output 2 R-channel
HPOL
19
O
Headphone output L-channel
HPOR
22
O
Headphone output R-channel
VCOMDA
25
Common voltage for DAC
VCOMAD
64
Common voltage for ADC
VREFAD1
62
Reference voltage 1 for ADC
VREFAD2
63
Reference voltage 2 for ADC
VCCAD
60
Power supply for ADC (3.3-V typical)
AGNDAD
61
Ground for ADC
VCCDA
23
Power supply for DAC (3.3-V typical)
AGNDDA
24
Ground for DAC
VCCP
20
Power supply for headphone (3.3-V typical)
PGND
21
Ground for headphone
VDD
41
Power supply for digital (3.3-V typical)
DGND
42
Digital ground
VCCH
18
Power supply for 2-VRMS driver (9.0-V typical)
HGND
17
Ground for 2-VRMS driver
AGNDS
26
Analog ground
SCK1
29
I/O
PORT-1 system clock
BCK1
30
I/O
PORT-1 serial bit clock
LRCK1
31
I/O
PORT-1 left and right channel clock
DATA1
32
I/O
PORT-1 serial audio data
SCK2
33
I/O
PORT-2 system clock
BCK2
34
I/O
PORT-2 serial bit clock
LRCK2
35
I/O
PORT-2 left and right channel clock
DATA2
36
I/O
PORT-2 serial audio data
SCK3
37
I/O
PORT-3 system clock
BCK3
38
I/O
PORT-3 serial bit clock
LRCK3
39
I/O
PORT-3 left and right channel clock
DATA3
40
I/O
PORT-3 serial audio data
SCK4
43
I/O
PORT-4 system clock
BCK4
44
I/O
PORT-4 serial bit clock
LRCK4
45
I/O
PORT-4 left and right channel clock
DATA4
46
I/O
PORT-4 serial audio data
SCK5
47
I/O
PORT-5 system clock
BCK5
48
I/O
PORT-5 serial bit clock
LRCK5
49
I/O
PORT-5 left and right channel clock
DATA5
50
I/O
PORT-5 serial audio data
SCK6
51
I/O
PORT-6 system clock
BCK6
52
I/O
PORT-6 serial bit clock
LRCK6
53
I/O
PORT-6 left and right channel clock
DATA6
54
I/O
PORT-6 serial audio data
SCL
28
I
Clock for I2C interface
SDA
27
I/O
Data for I2C interface
GPIO1
55
I/O
General-purpose input and output 1
GPIO2
56
I/O
General-purpose input and output 2
GPIO3
57
I/O
General-purpose input and output 3
RSTB
58
I
Reset (active low)
AMUTE
59
I
Analog mute control for all analog outputs (active high)
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310


Similar Part No. - PCM5310PAPR

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PCM50UD00 XPPOWER-PCM50UD00 Datasheet
306Kb / 4P
   AC-DC Power Supplies
PCM50UD01 XPPOWER-PCM50UD01 Datasheet
306Kb / 4P
   AC-DC Power Supplies
PCM50UD02 XPPOWER-PCM50UD02 Datasheet
306Kb / 4P
   AC-DC Power Supplies
PCM50UD03 XPPOWER-PCM50UD03 Datasheet
306Kb / 4P
   AC-DC Power Supplies
PCM50UD04 XPPOWER-PCM50UD04 Datasheet
306Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - PCM5310PAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com