Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7568C Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7568C
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568C Datasheet(HTML) 5 Page - Texas Instruments

  DAC7568C Datasheet HTML 1Page - Texas Instruments DAC7568C Datasheet HTML 2Page - Texas Instruments DAC7568C Datasheet HTML 3Page - Texas Instruments DAC7568C Datasheet HTML 4Page - Texas Instruments DAC7568C Datasheet HTML 5Page - Texas Instruments DAC7568C Datasheet HTML 6Page - Texas Instruments DAC7568C Datasheet HTML 7Page - Texas Instruments DAC7568C Datasheet HTML 8Page - Texas Instruments DAC7568C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V and over –40°C to +125°C (unless otherwise noted).
DAC7568/DAC8168/DAC8568
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS
AVDD
2.7
5.5
V
AVDD = 3.6V to 5.5V
0.95
1.4
VINH = AVDD and VINL = GND
Normal mode, internal
mA
reference switched off
AVDD = 2.7V to 3.6V
0.81
1.3
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
1.25
2.0
VINH = AVDD and VINL = GND
Normal mode, internal
IDD
(7)
mA
reference switched on
AVDD = 2.7V to 3.6V
1.1
1.9
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
0.18
3
VINH = AVDD and VINL = GND
All power-down modes
µA
AVDD = 2.7V to 3.6V
0.10
2.5
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
3.4
7.7
VINH = AVDD and VINL = GND
Normal mode, internal
mW
reference switched off
AVDD = 2.7V to 3.6V
2.2
4.7
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
4.5
11
VINH = AVDD and VINL = GND
Power
Normal mode, internal
mW
dissipation(7)
reference switched on
AVDD = 2.7V to 3.6V
2.9
6.8
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
0.6
16
VINH = AVDD and VINL = GND
All power-down modes
µW
AVDD = 2.7V to 3.6V
0.3
9
VINH = AVDD and VINL = GND
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(7)
Input code = midscale, no load.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC7568 DAC8168 DAC8568


Similar Part No. - DAC7568C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568C TI-DAC7568C Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC7568C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com