Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61001RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61001RHBR
Description  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001RHBR Datasheet(HTML) 1 Page - Texas Instruments

  CDCM61001RHBR Datasheet HTML 1Page - Texas Instruments CDCM61001RHBR Datasheet HTML 2Page - Texas Instruments CDCM61001RHBR Datasheet HTML 3Page - Texas Instruments CDCM61001RHBR Datasheet HTML 4Page - Texas Instruments CDCM61001RHBR Datasheet HTML 5Page - Texas Instruments CDCM61001RHBR Datasheet HTML 6Page - Texas Instruments CDCM61001RHBR Datasheet HTML 7Page - Texas Instruments CDCM61001RHBR Datasheet HTML 8Page - Texas Instruments CDCM61001RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
CDCM61001
www.ti.com.................................................................................................................................................... SCAS869B – FEBRUARY 2009 – REVISED JULY 2009
One Output, Integrated VCO, Low-Jitter Clock Generator
• Chip Enable and Device Reset Control Pins
Available
2
• One Single-Ended/Crystal Reference Input
Including 24.8832 MHz, 25 MHz, and
• 3.3-V Core and I/O Power Supply
26.5625 MHz
• Industrial Temperature Range: –40°C to +85°C
• Input Frequency Range: 21.875 MHz to
• 5-mm × 5-mm, 32-pin, QFN (RHB) Package
28.47 MHz
• ESD Protection Exceeds 2 kV (HBM)
• On-Chip VCO Operates in Frequency Range of
1.75 GHz to 2.05 GHz
• 1x Output Available:
• Low Jitter Clock Driver for High-End Datacom
Applications Including SONET, Ethernet, Fibre
Pin-Selectable Between LVPECL, LVDS, or
Channel, Serial ATA, and HDTV
2-LVCMOS; Operates at 3.3 V
• Cost-Effective High-Frequency Crystal
• LVCMOS Bypass Output Available
Oscillator Replacement
• Output Frequency Selectable by /1, /2, /3, /4, /6,
/8 from the Output Divider
• Supports Common LVPECL/LVDS Output
Frequencies:
The CDCM61001 is a highly versatile, low-jitter
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
frequency synthesizer that can generate low-jitter
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
clock
outputs,
selectable
between
low-voltage
155.52 MHz, 156.25 MHz, 159.375 MHz,
positive emitter coupled logic (LVPECL), low-voltage
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz,
differential
signaling
(LVDS),
or
low-voltage
311.04 MHz, 312.5 MHz, 622.08 MHz,
complementary
metal
oxide
semiconductor
625 MHz
(LVCMOS) outputs, from a low-frequency crystal or
LVCMOS input for a variety of wireline and data
• Supports Common LVCMOS Output
communication
applications.
The
CDCM61001
Frequencies:
features
an
onboard
PLL
that
can
be
easily
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
configured solely through control pins. The overall
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
output random jitter performance is less than 1ps,
155.52 MHz, 156.25 MHz, 159.375 MHz,
RMS (from 10 kHz to 20 MHz), making this device a
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz
perfect choice for use in demanding applications such
as SONET, Ethernet, Fibre Channel, and SAN. The
• Output Frequency Range: 43.75 MHz to
CDCM61001 is available in a small, 32-pin, 5-mm ×
683.264 MHz (See Table 3)
5-mm QFN package.
• Internal PLL Loop Bandwidth: 400 kHz
• High-Performance PLL Core:
Phase Noise typically at –146 dBc/Hz at
5-MHz Offset for 625-MHz LVPECL Output
Random Jitter typically at 0.509 ps, RMS
(10 kHz to 20 MHz) for 625-MHz LVPECL
Output
• Output Duty Cycle Corrected to 50% (± 5%)
• Divider Programming Using Control Pins:
Two Pins for Prescaler/Feedback Divider
Three Pins for Output Divider
Two Pins for Output Select
space
1
space
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
space
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCM61001RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001RHBR TI-CDCM61001RHBR Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI1-CDCM61001RHBR Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI1-CDCM61001RHBR Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR/2801 TI1-CDCM61001RHBR/2801 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61001RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com