Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1050 Datasheet(PDF) 1 Page - Soberton Inc.

Part # EM1050
Description  Omnidirectional Electret Condenser Microphone
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM1050 Datasheet(HTML) 1 Page - Soberton Inc.

  EM1050 Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM1050, EM1050P
Omnidirectional Electret Condenser Microphone
Sensitivity
0dB = 1V/Pa. 1KHz
Directivity
Omnidirectional
Impedance
Low Impedance
Current Consumption
Max. 0.5mA
Standard Operation Voltage
4.5V
Sensitivity Reduction
Within -3dB at 1.5V
S/N Ratio
More than 60dB
Sensitivity Range
-34
±
2
d
B
,
-36
±
2
d
B
,
-38
±
2
d
B
,
-40
±
2
d
B
,
-42
±
2
d
B
,
-44
±
2
d
B
,
Typical Frequency Response Curve:
Schematic Diagram:
id21651583 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - EM1050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10 ETC2-EM10 Datasheet
107Kb / 1P
   EM Brake
logo
EPCOS
EM1000X EPCOS-EM1000X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
Intel Corporation
EM104P-I2904 INTEL-EM104P-I2904 Datasheet
324Kb / 3P
   Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
Em104P-i2904-D5 INTEL-Em104P-i2904-D5 Datasheet
324Kb / 3P
   Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
Em104P-i2904-N4 INTEL-Em104P-i2904-N4 Datasheet
324Kb / 3P
   Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
More results

Similar Description - EM1050

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
EM6050 SOBERTON-EM6050 Datasheet
178Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM9745 SOBERTON-EM9745 Datasheet
818Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM9465 SOBERTON-EM9465 Datasheet
831Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM-6027 SOBERTON-EM-6027 Datasheet
811Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM6035 SOBERTON-EM6035 Datasheet
161Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM9445 SOBERTON-EM9445 Datasheet
186Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM9765 SOBERTON-EM9765 Datasheet
839Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM9745P-C SOBERTON-EM9745P-C Datasheet
809Kb / 1P
   Omnidirectional Electret Condenser Microphone
logo
CITIZEN ELECTRONICS CO....
CHM-04C-03 CITIZEN-CHM-04C-03 Datasheet
511Kb / 1P
   Electret Condenser Microphone(Omnidirectional)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com