Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB12LV21 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB12LV21
Description  IEEE 1394 LINK LAYER CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV21 Datasheet(HTML) 3 Page - Texas Instruments

  TSB12LV21 Datasheet HTML 1Page - Texas Instruments TSB12LV21 Datasheet HTML 2Page - Texas Instruments TSB12LV21 Datasheet HTML 3Page - Texas Instruments TSB12LV21 Datasheet HTML 4Page - Texas Instruments TSB12LV21 Datasheet HTML 5Page - Texas Instruments TSB12LV21 Datasheet HTML 6Page - Texas Instruments TSB12LV21 Datasheet HTML 7Page - Texas Instruments TSB12LV21 Datasheet HTML 8Page - Texas Instruments TSB12LV21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TSB12LV21B
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
SLLS306– JULY 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignment
PGF QUAD FLATPACK PACKAGE
TOP VIEW
seeprom_clk
50
75
aux_data15
phy_data0
pci_ad29
TSB12LV21B
133
seeprom_data
134
5V VCC
135
3V VCC
136
link_cyclein
137
3.3V VCC
138
link_cycleout
139
test_out
140
GND
141
phy_ctl0
142
phy_ctl1
143
phy_lreq
144
3.3V VCC
145
146
phy_data1
147
phy_data2
148
phy_data3
149
GND
150
phy_data4
151
phy_data5
152
phy_data6
153
phy_data7
154
GND
155
phy_clk50
156
3.3V VCC
157
GND/test_enable
158
autoboot
159
GND
160
pci_clk
161
5V VCC
162
pci_reset
163
pci_gnt
164
3.3V VCC
165
pci_inta
166
pci_req
167
GND
168
pci_ad31
169
pci_ad30
170
171
171
3.3V VCC
172
pci_ad28
173
pci_ad27
174
GND
175
pci_ad26
176
3.3V VCC
pci_ad7
aux_data6
aux_data7
87
3.3V VCC
86
au_data8
85
5VVCC
84
aux_data9
83
aux_data10
82
aux_data11
81
aux_data12
80
GND
79
aux_data13
78
aux_data14
77
76
aux_oe
74
aux_we0
73
GND
72
aux_we1
71
3.3V VCC
70
aux_cs
69
rom_cs
68
ram_cs
67
aux_rst
66
GND
65
aux_clk
64
5V VCC
63
aux_rdy
62
aux_int
61
5V VCC
60
pci_ad0
59
pci_ad1
58
pci_ad2
57
3.3V VCC
56
pci_ad3
55
pci_ad4
54
pci_ad5
pci_ad6
52
GND
51
3.3V VCC
49
pci_cbe0
48
pci_ad8
47
NC
46
GND
45
53
89
Figure 1. PCILynx-2 Terminal Assignment/Pinout


Similar Part No. - TSB12LV21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21 TI-TSB12LV21 Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV21 TI-TSB12LV21 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV21APGF TI-TSB12LV21APGF Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV21B TI1-TSB12LV21B Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results

Similar Description - TSB12LV21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com