Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24741 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24741
Description  Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24741 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24741 Datasheet HTML 6Page - Texas Instruments BQ24741 Datasheet HTML 7Page - Texas Instruments BQ24741 Datasheet HTML 8Page - Texas Instruments BQ24741 Datasheet HTML 9Page - Texas Instruments BQ24741 Datasheet HTML 10Page - Texas Instruments BQ24741 Datasheet HTML 11Page - Texas Instruments BQ24741 Datasheet HTML 12Page - Texas Instruments BQ24741 Datasheet HTML 13Page - Texas Instruments BQ24741 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
bq24741
SLUS875A – MARCH 2009 – REVISED MARCH 2009 ...................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
8.0 V
≤ VPVCC ≤ 24 V, 0°C < TJ < +125°C, Fs=600 kHz, typical values are at TA = 25°C, with respect to AGND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT PIN CHARACTERISTICS (CELLS)
VIN_LO
Input low threshold voltage, 3 cells
CELLS voltage falling edge
0.5
Input mid threshold voltage, 2 cells
CELLS voltage rising for MIN,
VIN_MID
0.8
1.8
V
CELLS voltage falling for MAX
VIN_HI
Input high threshold voltage, 4 cells
CELLS voltage rising
2.5
IBIAS_FLOAT
Input bias float current for 2 cell
VCE = 0 to VREGN
–1
1
µA
selection
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS ( EXTPWR, DPMDET, LPMOD)
VOUT_LO
Output low saturation voltage
Sink Current = 5 mA
0.5
V
Leakage current
Pull up to 3.3 v
1
µA
DPMDET delay, both edge
5
ms
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24741


Similar Part No. - BQ24741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
More results

Similar Description - BQ24741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com