Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1113IRUGR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113IRUGR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113IRUGR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1113IRUGR Datasheet HTML 11Page - Texas Instruments ADS1113IRUGR Datasheet HTML 12Page - Texas Instruments ADS1113IRUGR Datasheet HTML 13Page - Texas Instruments ADS1113IRUGR Datasheet HTML 14Page - Texas Instruments ADS1113IRUGR Datasheet HTML 15Page - Texas Instruments ADS1113IRUGR Datasheet HTML 16Page - Texas Instruments ADS1113IRUGR Datasheet HTML 17Page - Texas Instruments ADS1113IRUGR Datasheet HTML 18Page - Texas Instruments ADS1113IRUGR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TH_H
TH_L
Time
Time
Time
Successful
SMBusAlert
Response
Latching
Comparator
Output
Non-Latching
Comparator
Output
InputSignal
TH_H
TH_L
Time
Time
Time
Successful
SMBusAlert
Response
Successful
SMBusAlert
Response
Latching
Comparator
Output
Non-Latching
Comparator
Output
InputSignal
ADS1113
ADS1114
ADS1115
www.ti.com ......................................................................................................................................................... SBAS444A – MAY 2009 – REVISED AUGUST 2009
COMPARATOR (ADS1114/15 ONLY)
The
ADS1114/5
are
each
equipped
with
a
customizable comparator that can issue an alert on
the ALERT/RDY pin. This feature can significantly
reduce external circuitry for many applications. The
comparator
can
be
implemented
as
either
a
traditional comparator or a window comparator via the
COMP_MODE bit in the Config register. When
implemented
as
a
traditional
comparator,
the
ALERT/RDY pin asserts (active low by default) when
conversion data exceed the limit set in the high
threshold register. The comparator then deasserts
when the input signal falls below the low threshold
register value. In window comparator mode, the
ALERT/RDY pin asserts if conversion data exceed
the high threshold register or fall below the low
threshold register.
In either window or traditional comparator mode, the
comparator can be configured to latch once asserted
by the COMP_LAT bit in the Config register. This
setting causes the assertion to remain even if the
input signal is not beyond the bounds of the threshold
registers. This latched assertion can be cleared by
issuing an SMBus alert response or by reading the
Conversion register. The COMP_POL bit in the
Config register configures the ALERT/RDY pin as
Figure 28. Alert Pin Timing Diagram When
active high or active low. Operational diagrams for
Configured as a Traditional Comparator
the comparator modes are shown in Figure 28 and
Figure 29 .
The comparator can be configured to activate the
ALERT/RDY pin after a set number of successive
readings exceed the threshold. The comparator can
be configured to wait for one, two, or four readings
beyond
the
threshold
before
activating
the
ALERT/RDY pin by changing the COMP_QUE bits in
the Config register. The COMP_QUE bits can also
disable the comparator function.
CONVERSION READY PIN (ADS1114/5 ONLY)
The ALERT/RDY pin can also be configured as a
conversion ready pin. This mode of operation can be
realized if the MSB of the high threshold register is
set to '1' and the MSB of the low threshold register is
set to '0'. The COMP_POL bit continues to function
and the COMP_QUE bits can disable the pin;
however, the COMP_MODE and COMP_LAT bits no
longer control any function. When configured as a
conversion ready pin, ALERT/RDY continues to
require a pull-up resistor. When in continuous
conversion mode, the ADS1113/4/5 provide a brief
(~8µs) pulse on the ALERT/RDY pin at the end of
each conversion. When in single-shot shutdown
mode, the ALERT/RDY pin asserts low at the end of
a conversion if the COMP_POL bit is set to '0'.
Figure 29. Alert Pin Timing Diagram When
Configured as a Window Comparator
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113IRUGR TI-ADS1113IRUGR Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com