Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1113IDGSR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1113IDGSR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1113IDGSR Datasheet(HTML) 27 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
ADS1114
2.0Vto5V
V
3kW
I C
2
1kW
R
(2)
S
Load
(PGAGain=16)
256mVFS
FS=0.2V
G=4
-5V
R
(1)
49.9kW
3
5V
OPA335
0.1 FTyp
m
ADS1113
ADS1114
ADS1115
www.ti.com ......................................................................................................................................................... SBAS444A – MAY 2009 – REVISED AUGUST 2009
LOW-SIDE CURRENT MONITOR
The ADS1113/4/5 are fabricated in a small-geometry,
low-voltage
process.
The
analog
inputs
feature
Figure 38 shows a circuit for a low-side shunt-type
protection diodes to the supply rails. However, the
current monitor. The circuit monitors the voltage
current-handling ability of these diodes is limited, and
across a shunt resistor, which is sized as small as
the ADS1113/4/5 can be permanently damaged by
possible while giving a measurable output voltage.
analog
input
voltages
that
remain
more
than
This voltage is amplified by an OPA335 low-drift op
approximately 300mV beyond the rails for extended
amp, and the result is read by the ADS1114/5.
periods. One way to protect against overvoltage is to
place current-limiting resistors on the input lines. The
It is suggested that the ADS1114/5 be operated at a
ADS1113/4/5 analog inputs can withstand momentary
gain of 8. The gain of the OPA335 can then be set
currents as large as 100mA.
lower. For a gain of 16, the op amp should be set up
to give a maximum output voltage no greater than
If the ADS1113/4/5 are driven by an op amp with
0.256V. If the shunt resistor is sized to provide a
high-voltage supplies, such as ±12V, protection
maximum voltage drop of 50mV at full-scale current,
should be provided, even if the op amp is configured
the full-scale input to the ADS1114/5 is 0.2V.
so that it does not output out-of-range voltages. Many
op amps drift to one of the supply rails immediately
when power is applied, usually before the input has
stabilized; this momentary spike can damage the
ADS1113/4/5. This incremental damage results in
slow, long-term failure, which can be disastrous for
permanently installed, low-maintenance systems.
If an op amp or other front-end circuitry is used with
an ADS1113/4/5, performance characteristics must
be taken into account when designing the application.
(1)
Pull-down resistor to allow accurate swing
to 0V.
(2)
RS is sized for a 50mV drop at full-scale
current.
Figure 38. Low-Side Current Measurement
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn