Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1113IDGSR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1113IDGSR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1113IDGSR Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TH_H
TH_L
Time
Time
Time
Successful
SMBusAlert
Response
Latching
Comparator
Output
Non-Latching
Comparator
Output
InputSignal
TH_H
TH_L
Time
Time
Time
Successful
SMBusAlert
Response
Successful
SMBusAlert
Response
Latching
Comparator
Output
Non-Latching
Comparator
Output
InputSignal
ADS1113
ADS1114
ADS1115
www.ti.com ......................................................................................................................................................... SBAS444A – MAY 2009 – REVISED AUGUST 2009
COMPARATOR (ADS1114/15 ONLY)
The
ADS1114/5
are
each
equipped
with
a
customizable comparator that can issue an alert on
the ALERT/RDY pin. This feature can significantly
reduce external circuitry for many applications. The
comparator
can
be
implemented
as
either
a
traditional comparator or a window comparator via the
COMP_MODE bit in the Config register. When
implemented
as
a
traditional
comparator,
the
ALERT/RDY pin asserts (active low by default) when
conversion data exceed the limit set in the high
threshold register. The comparator then deasserts
when the input signal falls below the low threshold
register value. In window comparator mode, the
ALERT/RDY pin asserts if conversion data exceed
the high threshold register or fall below the low
threshold register.
In either window or traditional comparator mode, the
comparator can be configured to latch once asserted
by the COMP_LAT bit in the Config register. This
setting causes the assertion to remain even if the
input signal is not beyond the bounds of the threshold
registers. This latched assertion can be cleared by
issuing an SMBus alert response or by reading the
Conversion register. The COMP_POL bit in the
Config register configures the ALERT/RDY pin as
Figure 28. Alert Pin Timing Diagram When
active high or active low. Operational diagrams for
Configured as a Traditional Comparator
the comparator modes are shown in Figure 28 and
Figure 29 .
The comparator can be configured to activate the
ALERT/RDY pin after a set number of successive
readings exceed the threshold. The comparator can
be configured to wait for one, two, or four readings
beyond
the
threshold
before
activating
the
ALERT/RDY pin by changing the COMP_QUE bits in
the Config register. The COMP_QUE bits can also
disable the comparator function.
CONVERSION READY PIN (ADS1114/5 ONLY)
The ALERT/RDY pin can also be configured as a
conversion ready pin. This mode of operation can be
realized if the MSB of the high threshold register is
set to '1' and the MSB of the low threshold register is
set to '0'. The COMP_POL bit continues to function
and the COMP_QUE bits can disable the pin;
however, the COMP_MODE and COMP_LAT bits no
longer control any function. When configured as a
conversion ready pin, ALERT/RDY continues to
require a pull-up resistor. When in continuous
conversion mode, the ADS1113/4/5 provide a brief
(~8µs) pulse on the ALERT/RDY pin at the end of
each conversion. When in single-shot shutdown
mode, the ALERT/RDY pin asserts low at the end of
a conversion if the COMP_POL bit is set to '0'.
Figure 29. Alert Pin Timing Diagram When
Configured as a Window Comparator
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn