Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1113IDGSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1113IDGSR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1113IDGSR Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
-0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
12
10
8
6
4
2
0
InputVoltage(V)
DR=860SPS
DR=8SPS
DR=128SPS
FS= 0.512V
±
35
30
25
20
15
10
5
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage (V)
2.5
FS= 2.048V
±
860SPS
128SPS
8SPS
10
9
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
120
140
Temperature( C)
°
FS= 2.048V
DataRate=8SPS
±
30
25
20
15
10
5
0
GainError(%)
185UnitsFromaProductionLot
FS= 2.048V
±
160
140
120
100
80
60
40
20
0
-3
3
Offset(LSBs)
-1
1
0
2
-2
185UnitsFroma
ProductionLot
FS= 2.048V
±
4
3
2
1
0
1
2
3
4
-
-
-
-
-2.048
-1.024
0
1.024
2.048
InputSignal(V)
Includesnoise,offset,andgainerror.
FS= 2.048V
DataRate=860SPS
DifferentialInputs
±
ADS1113
ADS1114
ADS1115
SBAS444A – MAY 2009 – REVISED AUGUST 2009 ......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
NOISE vs INPUT SIGNAL
NOISE vs SUPPLY VOLTAGE
Figure 14.
Figure 15.
NOISE vs TEMPERATURE
GAIN ERROR HISTOGRAM
Figure 16.
Figure 17.
OFFSET HISTOGRAM
TOTAL ERROR vs INPUT SIGNAL
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn