Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1113IDGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1113IDGSR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1113IDGSR Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1
2
3
4
5
10
9
8
7
6
ADDR
ALERT/RDY (ADS1114/5Only)
GND
AIN0
AIN1
SCL
SDA
VDD
AIN3 (ADS1115Only)
AIN2 (ADS1115Only)
ADS1113
ADS1114
ADS1115
DGSPACKAGE
MSOP-10
(TOPVIEW)
5
10
1
2
3
4
ADDR
ALERT/RDY(ADS1114/5Only)
GND
AIN0
AIN1
SCL
9
8
7
6
SDA
VDD
AIN3 (ADS1115Only)
AIN2 (ADS1115Only)
ADS1113
ADS1114
ADS1115
RUGPACKAGE
QFN-10
(TOPVIEW)
ADS1113
ADS1114
ADS1115
SBAS444A – MAY 2009 – REVISED AUGUST 2009 ......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40°C to +125°C, VDD = 3.3V, and Full-Scale (FS) = ±2.048V, unless otherwise noted.
Typical values are at +25°C.
ADS1113, ADS1114, ADS1115
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
2
5.5
V
Power-down current at 25°C
0.5
2
μA
Power-down current up to 125°C
5
μA
Supply current
Operating current at 25°C
150
200
μA
Operating current up to 125°C
300
μA
VDD = 5.0V
0.9
mW
Power dissipation
VDD = 3.3V
0.5
mW
VDD = 2.0V
0.3
mW
TEMPERATURE
Storage temperature
–60
+150
°C
Operating temperature
–40
+140
°C
Specified temperature
–40
+125
°C
PIN CONFIGURATIONS
PIN DESCRIPTIONS
DEVICE
ANALOG/
DIGITAL
INPUT/
PIN #
ADS1113
ADS1114
ADS1115
OUTPUT
DESCRIPTION
1
ADDR
ADDR
ADDR
Digital Input
I2C slave address select
2
NC (1)
ALERT/RDY
ALERT/RDY
Digital Output
Digital comparator output or conversion ready (NC for ADS1113)
3
GND
GND
GND
Analog
Ground
4
AIN0
AIN0
AIN0
Analog Input
Differential channel 1: Positive input or single-ended channel 1 input
5
AIN1
AIN1
AIN1
Analog Input
Differential channel 1: Negative input or single-ended channel 2 input
6
NC
NC
AIN2
Analog Input
Differential channel 2: Positive input or single-ended channel 3 input (NC for ADS1113/4)
Differential channel 2: Negative input or single-ended channel 4 input
7
NC
NC
AIN3
Analog Input
(NC for ADS1113/4)
8
VDD
VDD
VDD
Analog
Power supply: 2.0V to 5.5V
9
SDA
SDA
SDA
Digital I/O
Serial data: Transmits and receives data
10
SCL
SCL
SCL
Digital Input
Serial clock input: Clocks data on SDA
(1)
NC pins may be left floating or tied to ground.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn