Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P49IRGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P49IRGCT
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49IRGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS62P49IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P49IRGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ELECTRICAL CHARACTERISTICS – ADS62P49/48
ELECTRICAL CHARACTERISTICS – ADS62P29/28
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
www.ti.com............................................................................................................................................................. SLAS635A – APRIL 2009 – REVISED JUNE 2009
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 0 dB gain,
internal reference mode (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.8V
ADS62P49
ADS62P48
250 MSPS
210 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin= 20 MHz
73.4
73.4
Fin = 60 MHz
73
73
SNR
Fin = 100 MHz
72
72
Signal to noise ratio,
dBFS
0 dB gain
68
71
68
71
LVDS
Fin = 170 MHz
6 dB gain
66.6
66.4
Fin = 230 MHz
69.8
69.7
Fin= 20 MHz
73.2
73
Fin = 60 MHz
72.7
72.8
SINAD
Fin = 100 MHz
71.2
71.5
Signal to noise and distortion ratio,
dBFS
0 dB gain
66.5
69.8
66.5
70.1
LVDS
Fin = 170 MHz
6 dB gain
66.5
66.3
Fin = 230 MHz
69
68
ENOB,
Fin = 170 MHz
11.3
11.4
LSB
Effective number of bits
DNL
Fin = 170 MHz
–0.95
±0.6
1.3
–0.95
±0.6
1.3
LSB
Differential non-linearity
INL
Fin = 170 MHz
–5
±2.5
5
–5
±2.5
5
LSB
Integrated non-linearity
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, 50% clock duty cycle, –1dBFS differential analog input, 0 dB gain,
internal reference mode (unless otherwise noted).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.8V
ADS62P29
ADS62P28
250 MSPS
210 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin= 20 MHz
70.7
70.8
Fin = 60 MHz
70.5
70.6
SNR
Fin = 100 MHz
69.8
70
Signal to noise ratio,
dBFS
0 dB gain
66.5
69.4
66.5
69.4
LVDS
Fin = 170 MHz
6 dB gain
66
65.9
Fin = 230 MHz
68.4
68.4
Fin= 20 MHz
70.6
70.6
Fin = 60 MHz
70.3
70.5
SINAD
Fin = 100 MHz
69.3
69.7
Signal to noise and distortion ratio,
dBFS
0 dB gain
66
68.3
66
68.7
LVDS
Fin = 170 MHz
6 dB gain
65.9
65.8
Fin = 230 MHz
67.9
67.1
ENOB,
Fin = 170 MHz
11
11.1
LSB
Effective number of bits
DNL
–0.9
±0.2
1.3
–0.9
±0.2
1.3
LSB
Differential non-linearity
INL
–5
±1
5
–5
±1
5
LSB
Integrated non-linearity
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Similar Part No. - ADS62P49IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49IRGCT TI-ADS62P49IRGCT Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P49IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com