Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS62P49 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS62P49
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADS62P49 Datasheet HTML 39Page - Texas Instruments ADS62P49 Datasheet HTML 40Page - Texas Instruments ADS62P49 Datasheet HTML 41Page - Texas Instruments ADS62P49 Datasheet HTML 42Page - Texas Instruments ADS62P49 Datasheet HTML 43Page - Texas Instruments ADS62P49 Datasheet HTML 44Page - Texas Instruments ADS62P49 Datasheet HTML 45Page - Texas Instruments ADS62P49 Datasheet HTML 46Page - Texas Instruments ADS62P49 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
fIN − Input Frequency − MHz
62
63
64
65
66
67
68
69
70
71
72
0
50
100
150
200
250
300
350
400
450
500
G041
fIN − Input Frequency − MHz
72
74
76
78
80
82
84
86
88
90
92
0
50
100
150
200
250
300
350
400
450
500
G042
Input adjusted to get −1dBFS input
0 dB
1 dB
3 dB
4 dB
6 dB
2 dB
5 dB
fIN − Input Frequency − MHz
62
63
64
65
66
67
68
69
70
71
72
0
50
100
150
200
250
300
350
400
450
500
G043
2 dB
5 dB
1 dB
0 dB
3 dB
4 dB
6 dB
Input adjusted to get −1dBFS input
55
60
65
70
75
80
85
Input Amplitude − dBFS
G044
SFDR (dBc)
SFDR (dBFS)
SNR (dBFS)
0
20
40
60
80
100
120
−70
−60
−50
−40
−30
−20
−10
0
fIN = 60 MHz
TA − Free-Air Temperature − °C
78
79
80
81
82
83
84
85
86
87
88
−40
−20
0
20
40
60
80
G046
DRVDD = 1.8 V
fIN = 60 MHz
AVDD = 3.6 V
AVDD = 3.5 V
AVDD = 3.4 V
AVDD = 3.15 V
AVDD = 3.2 V
AVDD = 3.3 V
68
70
72
74
76
78
VIC − Common-Mode Input Voltage − V
G045
78
80
82
84
86
88
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
fIN = 60 MHz
SNR
SFDR
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
www.ti.com............................................................................................................................................................. SLAS635A – APRIL 2009 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS – ADS62P29 (continued)
All plots are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain,
LVDS output interface, 32K point FFT (unless otherwise noted)
SNR vs INPUT FREQUENCY
SFDR vs INPUT FREQUENCY ACROSS GAIN
Figure 55.
Figure 56.
SINAD vs INPUT FREQUENCY ACROSS GAIN
PERFORMANCE vs INPUT AMPLITUDE, SINGLE TONE
Figure 57.
Figure 58.
PERFORMANCE vs COMMON-MODE INPUT VOLTAGE
SFDR vs AVDD SUPPLY VOLTAGE
Figure 59.
Figure 60.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28


Similar Part No. - ADS62P49

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGC25 TI-ADS62P49IRGC25 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCT TI-ADS62P49IRGCT Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P49

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz