Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN4015LK3-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN4015LK3-13
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4015LK3-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN4015LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 7Page - Diodes Incorporated DMN4015LK3-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMN4015LK3
Document Revision: 1
6 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN4015LK3
Typical Characteristics - continued
0.1
1
10
0
500
1000
1500
2000
2500
3000
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
V
DS
- Drain - Source Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
V
DS
= 20V
I
D
= 14A
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits
Current
regulator
Charge
Gate charge test circuit
Switching time test circuit
Basicgatechargewaveform
Switching time waveforms
D.U.T
50k
12V
Same as
D.U.T
V
GS
V
GS
V DS
V G
QGS
QGD
QG
V GS
90%
10%
t(on)
t(on)
td(on)
tr
tr
t
V
DS
DD
V
R
D
R
G
V
DS
I
D
I
G
d(off)


Similar Part No. - DMN4015LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4010LFG DIODES-DMN4010LFG Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN4010LFG-13 DIODES-DMN4010LFG-13 Datasheet
226Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4010LFG-13 DIODES-DMN4010LFG-13 Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMN4010LFG-7 DIODES-DMN4010LFG-7 Datasheet
226Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4010LFG-7 DIODES-DMN4010LFG-7 Datasheet
220Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN4015LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com