Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1400DWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF1400DWR
Description  RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1400DWR Datasheet(HTML) 2 Page - Texas Instruments

  TRF1400DWR Datasheet HTML 1Page - Texas Instruments TRF1400DWR Datasheet HTML 2Page - Texas Instruments TRF1400DWR Datasheet HTML 3Page - Texas Instruments TRF1400DWR Datasheet HTML 4Page - Texas Instruments TRF1400DWR Datasheet HTML 5Page - Texas Instruments TRF1400DWR Datasheet HTML 6Page - Texas Instruments TRF1400DWR Datasheet HTML 7Page - Texas Instruments TRF1400DWR Datasheet HTML 8Page - Texas Instruments TRF1400DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TRF1400
RF TELEMETRY RECEIVERS
VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
SLWS014E – JUNE 1996 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TRF1400 VHF/UHF RZ ASK remote control receiver is available in a 24-pin SOIC (DW) package, and is
characterized for operation over the temperature range of – 40
°C to 85°C. The DW package is available taped
and reeled; add R suffix to device type when ordering (e.g., TRF1400DWR).
functional block diagram
Summing
Amp
13
8
9
10
Manchester
Decoding
Logic
6
5
4
3
2
1
Clock
Comparator
+–
11
12
14
15
16
17
18
19
20
21
22
23
24
LPF
AGND
RFIN3
AVCC
AGND
AVCC
AGND
7
OFFSET
AGND
OSCR
OSCC
DVCC
RFOUT2
LNA2T
RFIN2
AGND
RFOUT1
LNA1T
RFIN1
AGND
DOUT
TRIG
BBOUT
DGND
Six Log-Detecting
RF Amp Stages
Auto Level
SCLK
LNA2
LNA1


Similar Part No. - TRF1400DWR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1400DWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3201T PHILIPS-UAA3201T Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
   UHF ASK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
   UHF ASK Receiver
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
   UHF ASK Receiver IC
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com