Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS9104 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS9104
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS9104 Datasheet(HTML) 4 Page - Texas Instruments

  TPS9104 Datasheet HTML 1Page - Texas Instruments TPS9104 Datasheet HTML 2Page - Texas Instruments TPS9104 Datasheet HTML 3Page - Texas Instruments TPS9104 Datasheet HTML 4Page - Texas Instruments TPS9104 Datasheet HTML 5Page - Texas Instruments TPS9104 Datasheet HTML 6Page - Texas Instruments TPS9104 Datasheet HTML 7Page - Texas Instruments TPS9104 Datasheet HTML 8Page - Texas Instruments TPS9104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS9104
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY/AUDIO SYSTEM
SLVS133A – AUGUST 1996 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
1, 15,
25, 36
Ground. GND terminals should be externally connected to ground to ensure proper functionality.
VCC
2, 31,
40
Supply voltage input. VCC terminals are not connected internally and must be externally connected to ensure
proper functionality.
PL
3
I
Program L. PL provides voltage programming input for regulator L.
RNGR_OUT+
4
O
Ringer amplifier noninverting output
RNGR_OUT–
5
O
Ringer amplifier inverting output
RNGR_IN
6
I
Ringer amplifier input
RNGR_EN
7
I
Ringer amplifier enable input; logic low enables the amplifier
RESET
8
O
Microprocessor reset output
NC
9, 17,
20, 30
41, 44
No connection
AREF
10
Analog reference. A 0.1-
µF capacitor must be connected from AREF to ground. No other connections are
allowed.
VCP
11
Charge pump driver supply voltage
GND_CP
12
Charge pump driver ground
CP
13
O
Charge pump driver output
EN_CP
14
I
Charge pump driver enable input. Logic low on EN_CP turns on the charge pump.
ON_REM
16
I
Remote on; logic high enables the part.
MIC_OUT
18
O
Microphone amplifier output
MIC_IN–
19
I
Microphone amplifier inverting input
MIC_IN+
21
I
Microphone amplifier noninverting input
REF
22
O
1.185-V reference output. Decouple with 0.01-
µF to 0.1-µF capacitor to ground.
VA
23
O
Regulator A output voltage
CA
24
Regulator A filter capacitor connection
EN_A
26
I
Regulator A enable input; logic low turns on the regulator.
MIC_EN
27
I
Microphone amplifier enable input; logic low turns on the microphone amplifier.
PA
28
I
Program A. PA provides programming input for Regulator A.
EN
29
I/O
Enable signal input/output; logic low enables the part.
ON
32
O
On-signal output
OFF
33
I
Off signal
PB
34
I
Program B. PB provides programming input for Regulator B.
EN_B
35
I
Regulator B enable input; logic low turns on the regulator.
CB
37
Regulator B filter capacitor connection
VB
38
O
Regulator B output voltage
SPKR_OUT+
39
O
Speaker amplifier noninverting output
SPKR_OUT–
42
O
Speaker amplifier inverting output
SPKR_IN
43
I
Speaker amplifier input
VL
45
O
Regulator L output voltage
CL
46
Regulator L filter capacitor connection
SPKR_EN
47
I
Speaker amplifier enable input; logic low enables the amplifier.
ON
48
I
On signal; logic low enables the part.


Similar Part No. - TPS9104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9104 TI1-TPS9104 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104IPTR TI1-TPS9104IPTR Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
More results

Similar Description - TPS9104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9110 TI1-TPS9110 Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
   RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
LA5618 SANYO-LA5618 Datasheet
44Kb / 4P
   Multi-System Power Supply for Audio Equipment
logo
International Rectifier
IRAUDPS1 IRF-IRAUDPS1_15 Datasheet
1Mb / 35P
   12V System Scalable 250W to1000W Audio Power Supply
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798 Datasheet
642Kb / 20P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 1; 2/01
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com