Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76801Q Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS76801Q
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76801Q Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76801Q Datasheet HTML 6Page - Texas Instruments TPS76801Q Datasheet HTML 7Page - Texas Instruments TPS76801Q Datasheet HTML 8Page - Texas Instruments TPS76801Q Datasheet HTML 9Page - Texas Instruments TPS76801Q Datasheet HTML 10Page - Texas Instruments TPS76801Q Datasheet HTML 11Page - Texas Instruments TPS76801Q Datasheet HTML 12Page - Texas Instruments TPS76801Q Datasheet HTML 13Page - Texas Instruments TPS76801Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
100k
10k
f − Frequency − Hz
70
60
50
40
30
20
10
0
−10
90
80
1k
100
10
1M
VI = 4.3 V
Co = 10 µF
IO = 1 A
TA = 25°C
f − Frequency − Hz
102
103
104
105
10−5
10−6
10−8
10−7
IO = 7 mA
IO = 1 A
VI = 4.3 V
Co = 10 µF
TA = 25°C
3
2.7
2
1.5
1.75
2
2.25
2.5
2.75
4
3
3.25
3.5
TA = 25°C
VO − Output Voltage − V
IO = 1 A
TA = 125°C
TA = −40°C
f − Frequency − kHz
101
102
105
106
0
10−1
10−2
104
103
IO = 1 mA
IO = 1 A
VI = 4.3 V
Co = 10 µF
TA = 25°C
TPS76815Q, TPS76818Q, TPS76825Q
TPS76827Q, TPS76828Q, TPS76830Q
TPS76833Q, TPS76850Q, TPS76801Q
SLVS211J – JUNE 1999 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS76833
TPS76833
POWER SUPPLY RIPPLE REJECTION
OUTPUT SPECTRAL NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
TPS76833
INPUT VOLTAGE (MIN)
OUTPUT IMPEDANCE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 12.
Figure 13.
10


Similar Part No. - TPS76801Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76801Q TI-TPS76801Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801QD TI-TPS76801QD Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801QD TI-TPS76801QD Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801QD TI-TPS76801QD Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801QD TI1-TPS76801QD Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76801Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com