Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76527D Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS76527D
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76527D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76527D Datasheet HTML 7Page - Texas Instruments TPS76527D Datasheet HTML 8Page - Texas Instruments TPS76527D Datasheet HTML 9Page - Texas Instruments TPS76527D Datasheet HTML 10Page - Texas Instruments TPS76527D Datasheet HTML 11Page - Texas Instruments TPS76527D Datasheet HTML 12Page - Texas Instruments TPS76527D Datasheet HTML 13Page - Texas Instruments TPS76527D Datasheet HTML 14Page - Texas Instruments TPS76527D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
100
50
4.3
TPS76533
LINE TRANSIENT RESPONSE
t – Time –
µs
CL = 4.7 µF
TA = 25°C
0
5.3
–100
–50
0
300
200
100
400 500
700
600
800 900 1000
Figure 18
t – Time –
µs
TPS76533
LOAD TRANSIENT RESPONSE
CL = 4.7 µF
TA = 25°C
150
0
0
200
400
–200
0
300
200
100
400 500
700
600
800 900 1000
Figure 19
t – Time –
µs
TPS76533
OUTPUT VOLTAGE
vs
TIME (AT STARTUP)
3
2
0
1
4
0
0
300
200
100
400 500
700
600
800 900 1000
4.3
Figure 20
VI – Input Voltage – V
TPS76501
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
0.00
0.05
0.10
0.15
0.20
0.25
0.30
2.5
3.0
3.5
4.0
4.5
5.0
IO = 150 mA
TA = 125°C
TA = 25°C
TA = –40°C


Similar Part No. - TPS76527D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76527 TI1-TPS76527 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76527D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com