Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS767D318 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS767D318
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D318 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS767D318 Datasheet HTML 5Page - Texas Instruments TPS767D318 Datasheet HTML 6Page - Texas Instruments TPS767D318 Datasheet HTML 7Page - Texas Instruments TPS767D318 Datasheet HTML 8Page - Texas Instruments TPS767D318 Datasheet HTML 9Page - Texas Instruments TPS767D318 Datasheet HTML 10Page - Texas Instruments TPS767D318 Datasheet HTML 11Page - Texas Instruments TPS767D318 Datasheet HTML 12Page - Texas Instruments TPS767D318 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
TA – Free-Air Temperature – °C
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.800
1.785
–40
0
1.810
1.805
1.795
–20
100
140
1.815
–60
120
1.790
20
40
60
80
IO = 1 mA
IO = 1 A
VO = 1.8 V
VI = 2.8 V
Figure 7
TA – Free-Air Temperature – °C
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–40
0
–20
100
–60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
VO = 2.5 V
VI = 3.5 V
IO = 1 A
IO = 1 mA
TA – Free-Air Temperature – °C
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
92
84
72
90
88
82
80
78
76
74
86
–40
0
–20
100
–60
120
20
40
60
80
140
VO = 3.3 V
VI = 4.3 V
IO = 500 mA
IO = 1 A
IO = 1 mA
Figure 8
Figure 9
TA – Free-Air Temperature – °C
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
94
86
74
92
90
84
82
80
78
76
88
–40
0
–20
100
–60
120
20
40
60
80
140
IO = 500 mA
IO = 1 A
IO = 1 mA
96
VO = 1.8 V
VI = 2.8 V


Similar Part No. - TPS767D318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D318 TI1-TPS767D318 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D318 TI-TPS767D318 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
TPS767D318-Q1 TI-TPS767D318-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
TPS767D318-Q1 TI1-TPS767D318-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D318-Q1 TI1-TPS767D318-Q1 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com