Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB-361D Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PSB-361D
Description  SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PSB-361D Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PSB-361D Datasheet HTML 1Page - Premier Magnetics, Inc. PSB-361D Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
psb 4/97
SPLIT BOBBIN
HIGH ISOLATION
POWER TRANSFORMERS
L
1 2
3
4
.23
TYP
.041
1
2
4
5
6
7
8
B
A
A
H
W
C
ML
3
.018
CLEARANCE HOLES
FOR OPTIONAL (4-40 x 1-3/8)
NYLON MOUNTING SCREW
NOTE: PINS 2 & 3
OMMITED ON SINGLE
PRIMARY (6-PIN) VERSION
PSB-XXX MECHANICAL
1.1 1-3/8
1-1/8
0-15/16 N/A
.250
.250
1.200
2.4 1-3/8
1-1/8
1-3/16
N/A
.250
.250
1.200
6 1-5/8
1-5/16 1-5/16
1-1/16
.250
.350
1.280
12 1-7/8
1-9/16 1-7/16
1-1/4
.300
.400
1.410
20 2-1/4
1-7/8
1-7/16
1-1/2
.300
.400
1.600
36 2-5/8
2-3/16 1-9/16
N/A
.400
.400
1.850
L
W
H
ML
A
B
C
DIMENSIONS IN INCHES
VARIATIONSAVAILABLE.FORINTERMEDIATEVALUESAND/OR
CUSTOMDESIGNSPLEASECONSULTTHEFACTORY.
SIZE
(VA)
P
M
PSB-XXXX
YYWW


Similar Part No. - PSB-361D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PSB-350FATX-XE ADVANTECH-PSB-350FATX-XE Datasheet
637Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
More results

Similar Description - PSB-361D

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Pulse A Technitrol Comp...
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com