Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0512LT-2W Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # A0512LT-2W
Description  FIXED INPUT ISOLATED & UNREGULATED 2W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

A0512LT-2W Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  A0512LT-2W Datasheet HTML 1Page - RSG Electronic Components GmbH A0512LT-2W Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 1 of 2
A_LT-2W Series
FIXED INPUT ISOLATED & UNREGULATED
2W DUAL OUTPUT
UTRALMINIATURE SMD PACKAGE
Multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
Package
Style
A0505LT-2W
±
5
±
200
±
20
82
SMD
A0509LT-2W
±
9
±
111
±
11
83
SMD
A0512LT-2W
5
4.5~5.5
±
12
±
83
±
8
84
SMD
A1205LT-2W
±
5
±
200
±
20
83
SMD
A1209LT-2W
±
9
±
111
±
11
84
SMD
A1212LT-2W
±
12
±
83
±
8
84
SMD
A1215LT-2W
12
10.8~13.2
±
15
±
67
±
7
85
SMD
Note: The A_T-1W series also are available in our company.
COMMON SPECIFICATIONS
Short circuit protection
1 second
Temperature rise at full load
25°C Max, 15°C Typ
Cooling
Free air convection
Operating temperature range
-40°C~+85°C
Storage temperature range
-55°C ~+125°C
Lead temperature
260°C (1.5mm from case for 10 seconds)
Storage humidity range
95%
Case material
Plastic (UL94-V0)
MTBF
>3,500,000 hours
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max 1000
VDC
Isolation resistance
Test at 500VDC
1000
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.2
2
W
Line regulation
For Vin change of 1%
1.2
%
10% to 100% load (5V output)
10
15
10% to 100% load (9V output)
6.5
15
10% to 100% load (12V output)
6.0
15
Load regulation
10% to 100% load (15V output)
6.0
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Output ripple
20MHz Bandwidth
75
150
Noise
20MHz Bandwidth
150
250
mVp-p
Switching frequency
Full load, nominal input
70
kHz
High Efficiency up to 85%
High Power Density
SMD Package Styles
Small Footprint
1kVDC Isolation
Temperature Range: -40°
C -+85°C
Industry Standard Pinout
No Heatsink Required
No External Component Required
RoHS
Compliance
APPLICATIONS
The A_LT-2W Series are specially
designed for applications where a
group of polar power supplies are
isolated from the input power supply
in a distributed power supply system
on a circuit board.
These products apply to:
1) Where the voltage of the input
power supply is fixed (voltage
variation ≤±10%);
2) Where isolation is necessary
between
input
and
output
(isolation voltage =1000VDC);
3) Where the regulation of the
output voltage and the output
ripple noise are not demanding.
Such as: purely digital circuits,
ordinary
low
frequency
analog
circuits, and IGBT power device
driving circuits.
MODEL SELECTION
A0505LT-2W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
Note:
1. All specifications measured at TA=25
°
C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - A0512LT-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0512LT-2W MORNSUN-A0512LT-2W Datasheet
128Kb / 2P
   DUAL/SINGLE OUTPUT, SMD, DC-DC CONVERTER
More results

Similar Description - A0512LT-2W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
A0303T-1W RSG-A0303T-1W Datasheet
132Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
GAPTEC Electronic GmbH ...
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com