Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTK-00043 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # XTK-00043
Description  SENDUST TOROIDAL POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

XTK-00043 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  XTK-00043 Datasheet HTML 1Page - Premier Magnetics, Inc. XTK-00043 Datasheet HTML 2Page - Premier Magnetics, Inc. XTK-00043 Datasheet HTML 3Page - Premier Magnetics, Inc. XTK-00043 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
SENDUST
TOROIDAL
POWER INDUCTORS
+
D2
MUR610CT
C2
1000uF
35V
RTN
Vout DC
+
C3
220uF
25V
R4
20.0K 1%
R5
10.0K 1%
SECONDARY
VTK/HTK-XXXX
XXuH @ X.XA
A
STRIPPED & TINNED
.01 TO .12 ABOVE
SEATING PLANE
C
B
0.5
TYP
EPOXY
HOLDS WIRE
EPOXY
HOLDS WIRE
A
STRIPPED & TINNED
.01 TO .12 ABOVE
SEATING PLANE
C
B
0.5 TYP
VTK-XXXX MECHANICAL
HTK-XXXXXOUTLINE
HORIZONTALMOUNT
VARIATIONSAVAILABLE.FORINTERMEDIATEVALUESAND/ORCUSTOMDESIGNSPLEASE
CONSULTTHEFACTORY.
SCHEMATIC
HORIZONTAL OR VERTICAL MOUNT:
Table Part Numbers are Vertical Mount.
Change the "V" to "H" for Horizontal Mount.
Example:
VTK-05001 = Vertical Mount 50uH, 1.0Adc
HTK-05001 = Horizontal Mount 50uH, 1.0Adc
VTK-XXXXXOUTLINE
VERTICALMOUNT
P
M HTK-XXXXX
P
M VTK-XXXXX
HTK-XXXXMECHANICAL
SCHEMATIC
APPLICATION


Similar Part No. - XTK-00043

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XTK VISHAY-XTK Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
XTK126T630P0A VISHAY-XTK126T630P0A Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
XTK126T630R0A VISHAY-XTK126T630R0A Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
XTK126U630P0A VISHAY-XTK126U630P0A Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
XTK126U630R0A VISHAY-XTK126U630R0A Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
More results

Similar Description - XTK-00043

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Token Electronics Indus...
TPUTX-2P TOKEN-TPUTX-2P Datasheet
360Kb / 4P
   TPUTX Chip Toroidal Power Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
   Toroidal Surface Mount Power Inductors
logo
Token Electronics Indus...
TC19 TOKEN-TC19 Datasheet
325Kb / 2P
   TC19 Power Gap Toroidal Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com