Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71H48Q Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS71H48Q
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71H48Q Datasheet(HTML) 5 Page - Texas Instruments

  TPS71H48Q Datasheet HTML 1Page - Texas Instruments TPS71H48Q Datasheet HTML 2Page - Texas Instruments TPS71H48Q Datasheet HTML 3Page - Texas Instruments TPS71H48Q Datasheet HTML 4Page - Texas Instruments TPS71H48Q Datasheet HTML 5Page - Texas Instruments TPS71H48Q Datasheet HTML 6Page - Texas Instruments TPS71H48Q Datasheet HTML 7Page - Texas Instruments TPS71H48Q Datasheet HTML 8Page - Texas Instruments TPS71H48Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW-DROPOUT VOLTAGE REGULATORS
SLVS152B – NOVEMBER 1996 – REVISED AUGUST 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1200
800
400
0
25
50
75
100
DISSIPATION DERATING CURVE
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
PWP Package
R
θJA = 178°C/W
TA – Free-Air Temperature – °C
Figure 3
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
TC – Case Temperature – °C
15
10
5
0
25
50
75
100
20
25
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the
thermal conductivity of the compound
is 0.815 W/m
⋅°C). The RθJC is 3.5°C/W.
PWP Package
Figure 4
† Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150
°C.
For guidelines on maintaining junction temperature within recommended operating range, see the Thermal Information section.


Similar Part No. - TPS71H48Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71H48Q TI1-TPS71H48Q Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H48QPWPLE TI1-TPS71H48QPWPLE Datasheet
1Mb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H48QPWPLE TI1-TPS71H48QPWPLE Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS71H48Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com