Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-DSL39 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-DSL39
Description  DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DSL39 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-DSL39 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DSL39 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pm-dslxx 06/00
DSL LINE ISOLATION
TRANSFORMERS
THRU HOLE OR SMD
MECH. PKG. "EP13"
NOTE:
THIS IS 17.0MM LEAD TIP
BOBBIN ( B-014 ONLY)
.100
(2.54)
.028
(0.70)
.520
(13.20)
MAX
.485
(12.32)
MAX
.530
(13.46)
MAX
1
2
3
4
5
10
9
8
7
6
CORE
TAPED
.590
(15.00)
MIN
.010
(0.25)
.028
(0.7)
MIN
.700
(17.78)
MAX
.52
(13.2)
.700
(17.78)
MAX
MECH. PKG. "EP10"
MECH. PKG. "EP13G"
MECH. PKG. " EP10G"
.050
(1.27)
.730
(18.54)
.070
(1.78)
.100
(2.54)
1
5
10
6
B-014, 17mm TIPS ONLY
RECOMMENDED PCB LAYOUT
DIMENSION IN INCHES, (mm)
DIMENSIONS IN INCH (mm)
1
2
3
4
5
6
7
8
9
10
.394
(10.00)
.100
(2.54)
.500
(12.70)
MAX
.550
(13.97)
MAX
.137
(3.5)
TYP
.024
(.61)
CORE
TAPED
PIN #1
WHITE DOT
.024
(.61)
TERMINATIONS
CANNOT EXCEED
STANDOFFS
SPECIAL LOW PROFILE BOBBIN
REMOVE PIN#3
.550
(13.97)
MAX
5
6
7
8
.295
(7.49)
.098
(2.49)
.475
(12.07)
MAX
.440
(11.18)
MAX
.480
(12.19)
MAX
.120
(3.81)
MIN
.024
(.61)
CORE
TAPE
PIN #1
WHITE DOT
.024
(.61)
4
3
2
1
4
3
2
1
5
6
7
8
.098
(2.50)
.028
(0.70)
.490
(12.45)
MAX
.440
(11.18)
MAX
.440
(11.18)
MAX
.010
(0.25)
.413
(10.5)
1
2
3
4
8
7
6
5
PIN #1
WHITE DOT
CORE
TAPED
.600
(15.24)
MAX
.480
(12.19)
MIN
PIN #1
WHITE DOT
.600
(15.24)
MAX
.600
(15.24)
.100
(2.54)
.050
(1.27)
.098
(2.50)
1
4
8
5
RECOMMENDED PCB LAYOUT
DIMENSION IN INCHES, (mm)


Similar Part No. - PM-DSL39

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
PM-DB2701EX PMI-PM-DB2701EX Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
More results

Similar Description - PM-DSL39

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IU04 PMI-PM-IU04 Datasheet
114Kb / 4P
   ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
logo
EPCOS
B78386P1556A005 EPCOS-B78386P1556A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78386P1703A005 EPCOS-B78386P1703A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78386P1662A005 EPCOS-B78386P1662A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388P1334A005 EPCOS-B78388P1334A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388Q1333A005 EPCOS-B78388Q1333A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78308A1123A003 EPCOS-B78308A1123A003 Datasheet
74Kb / 3P
   ISDN/x/DSL Transformers
B78384P1111A005 EPCOS-B78384P1111A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78475P1560A002 EPCOS-B78475P1560A002 Datasheet
66Kb / 5P
   ISDN/x/DSL Transformers
B78384A1060A002 EPCOS-B78384A1060A002 Datasheet
73Kb / 3P
   ISDN/x/DSL Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com