Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-FS10 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-FS10
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-FS10 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-FS10 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-FS10 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
!
Ideal for LAN & Telecom Applications
#
Frequency Ranges 100KHz to 500 MHz
$
Filters Common Mode Noise
500Vrms Isolation Minimum
&
Provides EMI Supression
Thru-Hole & SMD Packages
PM-SF01
1:1:1:1
1x4
4.0
.20
6.0
.17
1-A
PM-SF02
1:1:1:1
1x4
8.0
.20
10.0
.25
1-A
PM-SF03
1:1:1:1
1x4
24.0
.20
15.0
.30
1-A
PM-SF04
1:1:1:1:1:1
1x6
4.0
.20
6.0
.18
2-A
PM-SF05
1:1:1:1:1:1
1x6
24.0
.20
15.0
.35
2-A
PM-SF06
1:1:1:1
2x4
4.0
.20
6.0
.17
3-C
PM-SF07
1:1:1:1
2x4
8.0
.20
10.0
.25
3-C
PM-SF08
1:1:1:1
2x4
24.0
.20
15.0
.30
3-C
PM-SF09
1:1:1:1
1x4
36.0
.30
25.0
.35
1-A
PM-FS10
1:1
1x2
6.3
4.0
180
.65
7-A
PART
NUMBER
PRIMARY
INDUCTANCE
(OCL
µµµµµH min)
TURNS
RATIO
(± 5%)
LEAKAGE
INDUCTANCE
(
µµµµµH max.)
PACKAGE
&
SCHEMATIC
PRIMARY
DCR
(OHMS max.)
PRI-SEC
Cw/w
(pf max.)
# of CORES
x
# of LINES
THRU-HOLE CHOKES
PM-SF30
1:1 x 2
2x2
37.0
.20
15.0
.30
5-A
PM-SF31
1:1 x 3
3x2
21.0
.20
15.0
.35
5-B
PM-SF32
1:1 x 4
4x2
36.0
.20
15.0
.35
5-C
PM-SF33
1:1:1:1
1x4
36.0
.30
25.0
.25
5-D
PM-SF34
1:1:1:1
1x4
24.0
.20
15.0
.30
4-A
PM-SF35
1:1 x 2
2x2
100
.30
35.0
.60
4-B
PART
NUMBER
PRIMARY
INDUCTANCE
(OCL
µµµµµH min)
TURNS
RATIO(S)
(± 5%)
LEAKAGE
INDUCTANCE
(
µµµµµH max.)
SCHEMATIC
&
PACKAGE
PRIMARY
DCR
(OHMS max.)
PRI-SEC
Cw/w
(pf max.)
# of CORES
x
# of LINES
SURFACE MOUNT CHOKES
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC
PM-SF50
1:1
1
877
N/A
N/A
.200
6-A
PM-SF51
1:1
1
663
N/A
N/A
.110
6-A
PART
NUMBER
PRIMARY
INDUCTANCE
(OCL
µµµµµH min)
TURNS
RATIO(S)
(± 5%)
LEAKAGE
INDUCTANCE
(
µµµµµH max.)
SCHEMATIC
&
PACKAGE
PRIMARY
DCR
(OHMS max.)
PRI-SEC
Cw/w
(pf max.)
# of CORES
x
# of LINES
SELF LEAD SURFACE MOUNT CHOKES


Similar Part No. - PM-FS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM-F24 ETC2-PM-F24 Datasheet
483Kb / 6P
   Ultra-small U-shaped Micro Photoelectric Sensor
PM-F24-R ETC2-PM-F24-R Datasheet
483Kb / 6P
   Ultra-small U-shaped Micro Photoelectric Sensor
PM-F24P ETC2-PM-F24P Datasheet
483Kb / 6P
   Ultra-small U-shaped Micro Photoelectric Sensor
logo
Panasonic Semiconductor
PM-F25 PANASONIC-PM-F25 Datasheet
999Kb / 16P
   U-shaped Micro Photoelectric Sensor
PM-F25-C3 PANASONIC-PM-F25-C3 Datasheet
999Kb / 16P
   U-shaped Micro Photoelectric Sensor
More results

Similar Description - PM-FS10

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
   Signal Line Common Mode Chokes/Filters
ALC2012-900-2P-T00 TDK-ALC2012-900-2P-T00 Datasheet
147Kb / 3P
   Signal Line Common Mode Chokes/Filters
B82791G0014A017 TDK-B82791G0014A017 Datasheet
140Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A025 TDK-B82791H0015A025 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
ACT1210-110-2P-TL00 TDK-ACT1210-110-2P-TL00_17 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
ACT1210-510-2P-TL00 TDK-ACT1210-510-2P-TL00_17 Datasheet
191Kb / 3P
   Common Mode Filters / Chokes
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A014 TDK-B82791G0015A014 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A016 TDK-B82791G0015A016 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A030 TDK-B82791H0015A030 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com