Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-IS27 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-IS27
Description  T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IS27 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-IS27 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-IS27 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-IS27 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-IS27 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pmis2_7x 10/01
T1/CEPT
DUAL CORE SMD
ISOLATION TRANSFORMERS
16x.025 (.64)
7x.050 (1.27)
16x.075 (1.91)
.270 (6.86)
1
16
9
8
.420 (10.67)
.350 (8.89)
RECOMMENDED PCB LAYOUT
Dimensions in inches (mm)
MECHANICAL
PCB LAYOUT
.010
(0.25)
TYP
.370 (9.40)
.020 (0.51) MIN
.019
(0.48)
TYP
.050
(1.27)
TYP
.210
(5.33)
MAX
.280
(7.11)
MAX
PIN#1
WHITE DOT
.022 (.55)
.010 (.25)
12345678
16 15 14 13 12 11 10 9
.475
(12.10)
MAX
M
P PM-ISXX
YYWW


Similar Part No. - PM-IS27

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS02 PMI-PM-IS02 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS03 PMI-PM-IS03 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS04 PMI-PM-IS04 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS05 PMI-PM-IS05 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
More results

Similar Description - PM-IS27

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IS80 PMI-PM-IS80 Datasheet
36Kb / 2P
   T1/CEPT/ISDN-PRI DUAL CORE SMD ISOLATION TRANSFORMERS
PM-8100 PMI-PM-8100 Datasheet
127Kb / 4P
   T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
PM-8300 PMI-PM-8300 Datasheet
75Kb / 2P
   T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
logo
Rhombus Industries Inc.
T-10200 RHOMBUS-IND-T-10200 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-14100 RHOMBUS-IND-T-14100 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
   T1/CEPT Transformers
logo
Bel Fuse Inc.
0553-6500-19 BEL-0553-6500-19 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS ENHANCED 3000VRMS ISOLATION
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
Rhombus Industries Inc.
T-16400 RHOMBUS-IND-T-16400 Datasheet
53Kb / 1P
   T1 / CEPT / ISDN-PRI SMD 12 Pin Dual Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com