Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMCU-5002 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PMCU-5002
Description  PMCU-XXXX EMI/RFI COMMON MODE LINE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PMCU-5002 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PMCU-5002 Datasheet HTML 1Page - Premier Magnetics, Inc. PMCU-5002 Datasheet HTML 2Page - Premier Magnetics, Inc. PMCU-5002 Datasheet HTML 3Page - Premier Magnetics, Inc. PMCU-5002 Datasheet HTML 4Page - Premier Magnetics, Inc. PMCU-5002 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pmcu 12/98
PMCU-XXXX EMI/RFI
COMMON MODE
LINE FILTERS
PMCU-0XXX U10.5
PMCU-2XXX
U16
∅ 0.7
(.028)
1
2
4
3
PIN#1
DOT
17.2
(.677)
13.0
(.512)
4.2
(.165)
TYP
13.0
(.512)
10.3
(.394)
19.0
(.748)
MAX
22.0
(.866)
MAX
27.2
(1.070)
MAX
1
2
4
3
Dimensions in mm (inches)
Dimensions in mm (inches)
PART IS REVERSIBLE.
IT CAN BE INSERTED INTO PCB EITHER WAY.
PART IS REVERSIBLE.
IT CAN BE INSERTED INTO PCB EITHER WAY.
1
2
4
3
L1B
L1A
DOT ON BOBBIN
DENOTES PIN #1
1
2
4
3
L1B
L1A
DOT ON BOBBIN
DENOTES PIN #1
10.0
(.394)
16.5
(.650)
MAX
13.0
(.512)
∅ 0.7
(.028)
18.4
(.725)
MAX
21.7
(.854)
MAX
4.2
(.165)
TYP
1
2
4
3
13.0
(.512)
1
2
4
3
PIN#1
DOT


Similar Part No. - PMCU-5002

ManufacturerPart #DatasheetDescription
logo
Powerbox
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Alpha Wire
PMC ALPHAWIRE-PMC Datasheet
103Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
PIC GmbH
PMC-0508TH PIC-PMC-0508TH Datasheet
122Kb / 2P
   Micro SMD Reed Switch pitch 8.9 mm
logo
Delta Electronics, Inc.
PMC-05V015W1AA DELTA-PMC-05V015W1AA Datasheet
478Kb / 11P
   PMC Panel Mount Power Supply
More results

Similar Description - PMCU-5002

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PMCE-0470 PMI-PMCE-0470 Datasheet
37Kb / 2P
   PMCE-XXXX EMI/RFI COMMON MODE LINE FILTERS
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
M2022 COILCRAFT-M2022 Datasheet
223Kb / 2P
   Common Mode EMI Filters
logo
Frontier Electronics.
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
   Common Mode Line Filters
logo
List of Unclassifed Man...
CFU1101 ETC-CFU1101 Datasheet
39Kb / 1P
   Common Mode Line Filters
logo
Frontier Electronics.
CFU1101 FRONTIER-CFU1101 Datasheet
99Kb / 1P
   Common Mode Line Filters
3112 FRONTIER-3112 Datasheet
96Kb / 1P
   Common Mode Line Filters
3110122 FRONTIER-3110122 Datasheet
101Kb / 1P
   Common Mode Line Filters
CFS3501 FRONTIER-CFS3501 Datasheet
105Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com