Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-IND045E Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-IND045E
Description  COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IND045E Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-IND045E Datasheet HTML 1Page - Premier Magnetics, Inc. PM-IND045E Datasheet HTML 2Page - Premier Magnetics, Inc. PM-IND045E Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-indxxx 01/2001
COUPLED INDUCTOR
For Uses in ADSL POTS
Low Pass Filters
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
.150
(3.81)
.300
(7.62)
.045
(1.14)
.930
(23.62)
MAX
1.080
(27.43)
MAX
.800
(20.32)
.020
(.51)
.210
(5.33)
TYP
.450
(11.43)
MAX
PIN #1
NOTCH
1
2
3
4
5
10
9
8
7
6
PIN #1
NOTCH
1
2
3
4
5
8
7
6
.760
(19.30)
MAX
.150
(3.81)
.300
(7.62)
.042
(1.07)
.015
(.381)
TYP
.650
(16.51)
.110
(2.79)
MIN
.760
(19.30)
MAX
.950
(24.13)
MAX
PACKAGE
"A"
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCH (mm)
1
5
3
8
WHITE DOT
DENOTES PIN #1
4
SCHEMATIC
"1"
PM-INDXXX
YYWW
P
M
PACKAGE "B"
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCH (mm)
1
6
3
10
WHITE DOT
DENOTES PIN #1
5
SCHEMATIC
"2"
PM-INDXXX
YYWW
P
M


Similar Part No. - PM-IND045E

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS02 PMI-PM-IS02 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS03 PMI-PM-IS03 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS04 PMI-PM-IS04 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS05 PMI-PM-IS05 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
More results

Similar Description - PM-IND045E

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-3163C BOTHHAND-AD-3163C Datasheet
85Kb / 1P
   ADSL POTS LOW PASS FILTERS
logo
Micro Electronics
PAI-1801 MICRO-ELECTRONICS-PAI-1801 Datasheet
165Kb / 1P
   COUPLED INDUCTORS FOR USE IN ADSL POTS LOW PASS FILTER
logo
SCHOTT CORPORATION
35096 SCHOTT-35096 Datasheet
17Kb / 1P
   INDUCTOR COUPLED ADSL POTS SPLITTER
logo
Pulse A Technitrol Comp...
B2039A PULSE-B2039A Datasheet
89Kb / 1P
   ADSL POTS LOW PASS FILTER FOR CUSTOMER PREMISES
logo
Bothhand USA, LP.
BCM-2005 BOTHHAND-BCM-2005 Datasheet
145Kb / 1P
   COMMON MODE CHOKE FOR USE IN ADSL POTS LOW PASS FILTE
logo
SCHOTT CORPORATION
35097 SCHOTT-35097 Datasheet
17Kb / 1P
   INDUCTOR COUPLED POTS SPLITTER
logo
XFMRS Inc.
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF5006-AD1S XFMRS-XF5006-AD1S Datasheet
64Kb / 1P
   ADSL COUPLED INDUCTOR
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF5006-AD1S XFMRS-XF5006-AD1S Datasheet
64Kb / 1P
   ADSL COUPLED INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com