Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-DC05209 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-DC05209
Description  2.0 WATT DC-DC CONVERTER Unregulated, 16 Pins SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DC05209 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-DC05209 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-DC05209 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PM-DCXXXXX 9/2000
2.0 WATT DC-DC CONVERTER
Unregulated, 16 Pins SMD
PACKAGE
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCH (mm)
FEATURES
–
Up to 1.8 Watts Output Power
—
16Pins SMD Package
˜
2000 Vdc
™
Unregulated Output Types
PART NUMBER
OUTPUT CURRENT
(mA max.)
OUTPUT VOLTAGE
(Vdc)
INPUT VOLTAGE
(Vdc)
ELECTRICAL SPECFICATIONS
q
Input Voltage Range............................ ± 5%
q
Output Voltage Tolerance.................. ± 5%
q
Line Regulation (10% To 100% F.L)........ ±1.2%
q
Load Regulation (10% To 100% F.L).... ±10%
GENERAL SPECIFICATIONS
q
Output Ripple & Noise.......................... 100mVp-p(20MHz B.W.)
q
Isolation Resistance ............................. 100MMin @500VDC
q
Switching Frequency............................ 100KHz TYP
q
Operating Temperature....................... 0
°C To +70 °C
q
Efficiency (Unregulated)...................... 70% TYP
q
Short Circuit Protection........................ Short Term
EFFICIENCY
(%)
PM-DC05105
5.0
5.0
360
70
PM-DC05109
5.0
9.0
200
75
PM-DC05112
5.0
12.0
150
75
PM-DC05115
5.0
15.0
120
75
PM-DC12105
12.0
5.0
360
70
PM-DC12109
12.0
9.0
200
75
PM-DC12112
12.0
12.0
150
75
PM-DC12115
12.0
15.0
120
75
P
M
PMDCxxxxx
YYWW
PIN#1
DOT
0.400
(10.16)
MAX
0.385
(9.78)
0.018
(0.46)
X16
0
° - 8°
1.000
(25.40)
0.040
(1.02)
X16
0.100
(2.54)
X7
0.700
(17.78)
0.500
(12.70)
0.090
(2.29)
0.540
(13.72)
0.700
(17.78)
0.040
(1.02)
0.100
(2.54)
SUGGESTED PAD LAYOUT
X16
X16
0.004
(0.10)
1
- INPUT
2
N.C
3
+ INPUT
7
+ OUTPUT
8
- OUTPUT
OTHER
N.C
PIN
SINGLE OUTPUT


Similar Part No. - PM-DC05209

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
PM-DB2701EX PMI-PM-DB2701EX Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
More results

Similar Description - PM-DC05209

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HPR1000 CANDD-HPR1000 Datasheet
134Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com