Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMIS3-20-20-10KHZ Datasheet(PDF) 4 Page - ASM GmbH

Part # PMIS3-20-20-10KHZ
Description  Magnetic Scale Position Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PMIS3-20-20-10KHZ Datasheet(HTML) 4 Page - ASM GmbH

  PMIS3-20-20-10KHZ Datasheet HTML 1Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 2Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 3Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 4Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 5Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 6Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 7Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 8Page - ASM GmbH PMIS3-20-20-10KHZ Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ASM GmbH
CAT-PM-E-04
9
Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
Specifications
Solid measure
Plastic bonded flexible permanent magnet
Base material
Spring steel CK 85
Masking tape
Stainless steel (non magnetic)
Measurement ranges
e.g. 100 ... 2500 mm (up to 50 m on request)
Width
10 mm +0.1 mm / -0.2 mm
Thickness (with masking tape)
1.7 mm ±0.1 mm
Magnetic period
2 mm
5 mm
Linearity at 25°C
up to 30 m
up to 50 m
±40 µm/m
±80 µm/m
±40 µm/m
±80 µm/m
Reference mark (reference pulse)
max. every 4 mm
max. every 10 mm
Measurement range
must be divisible by 4
must be divisible by 10
Linear thermal expansion coefficient
11 x 10-6 / K
Operating temperature
-10 ...+70°C
An unmagnetic masking tape made of stainless steel is available (accessories). The magnetic scale is
flexible and can be glued to the surface of a cylinder with a minimum radius of 100 mm and used for
angular measurements.
Order code PMIB3
Model name
Magnetic period
20 = 2 mm / 50 = 5 mm
Mounting of the magnetic scale
N = adhesive taping
Measurement range (total length = range + X mm, refer to the table on page 12)
e.g. 100, 500, 1000 ... 2500 mm (up to 50 m on request)
Measurement ranges must be divisible by 4 (resp. by 10)
Reference marks/end position marks (optional)
R1
= reference mark on the left / R2 = on the right
E1
= end position mark on the left / E2 = on the right
Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left
Options
FP
= magnetic scale in flat profile
HP
= magnetic scale in high profile
AB
= Masking tape (only with FP or HP)
g(
g
g
p g
)
Order example: PMIB3 - 50 - N - 1500 - R1
Magnetic scale PMIB3 for Position Sensor PMIS3
• Easy splicing
• Resistant to moisture and many fluids
• Extensive ruggedness against dust etc.
The magnetic material is magnetised in defined and even dis-
tances and works as a solid measure. Reference marks can
be user defined in 4 mm resp. 10 mm steps. The magne-
tic scale retains its firmness by means of a spring steel base
(standard steel strip CK 85).
PMIB3 POSIMAG®
Magnetic Scale
PMIB3


Similar Part No. - PMIS3-20-20-10KHZ

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PMIS3 ASM-SENSOR-PMIS3 Datasheet
637Kb / 7P
   Magnetband-Positionssensor
More results

Similar Description - PMIS3-20-20-10KHZ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
logo
MultiDimension Technolo...
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
   High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B BOURNS-AMM20B_13 Datasheet
264Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com