Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMIS3-20-50-20KHZ Datasheet(PDF) 6 Page - ASM GmbH

Part # PMIS3-20-50-20KHZ
Description  Magnetic Scale Position Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PMIS3-20-50-20KHZ Datasheet(HTML) 6 Page - ASM GmbH

  PMIS3-20-50-20KHZ Datasheet HTML 1Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 2Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 3Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 4Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 5Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 6Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 7Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 8Page - ASM GmbH PMIS3-20-50-20KHZ Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ASM GmbH
CAT-PM-E-04
11
Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
PMIB3-HT POSIMAG®
Magnetic Scale
Magnetic scale PMIB3-HT for Position Sensor PMIS3
• Easy splicing
• Resistant to moisture and many fluids
• Extensive ruggedness against dust etc.
• High temperature durability
• Magnetic scale with stainless steel base
The magnetic material is magnetised in defined and even dis-
tances and works as a solid measure. Reference marks can
be user defined in 4 mm resp. 10 mm steps. The magne-
tic scale retains its firmness by means of a spring steel base
(stainless steel strip CrNi 17 7).
Specifications
Solid measure
Plastic bonded flexible permanent magnet
Base material
Stainless steel CrNi 17 7 / elastomer
Masking tape
Stainless steel (non magnetic)
Measurement ranges
e.g. 100 ... 2500 mm (up to 50 m on request)
Width
10 mm +0.1 mm / -0.2 mm
Thickness (with masking tape)
1.7 mm ±0.1 mm
Magnetic period
2 mm
5 mm
Linearity at 25°C
up to 30 m
up to 50 m
±40 µm/m
±80 µm/m
±40 µm/m
±80 µm/m
Reference mark (reference pulse)
max. every 4 mm
max. every 10 mm
Measurement range
must be divisible by 4
must be divisible by
10
Linear thermal expansion coefficient
11 x 10-6 / K
Operating temperature
-20 ...+120°C
An unmagnetic masking tape made of stainless steel is available (accessories). The magnetic scale is
flexible and can be glued to the surface of a cylinder with a minimum radius of 100 mm and used for
angular measurements
.
Order code PMIB3-HT
Model name
Magnetic period
20 = 2 mm / 50 = 5 mm
Mounting of the magnetic scale
N
= adhesive taping
Measurement range (total length = range + X mm, refer to the table on page 12)
e.g. 100, 500, 1000 ... 2500 mm (up to 50 m on request)
Measurement ranges must be divisible by 4 (resp. by 10)
Reference marks/end position marks (optional)
R1
= reference mark on the left /
R2 = on the right
E1
= end position mark on the left / E2 = on the right
Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left
Options
FP
= magnetic scale in flat profile
HP
= magnetic scale in high profile
AB
= masking tape (only with FP + HP)
PMIB3-HT
Order example: PMIB3-HT - 50 - N - 1500 - R1


Similar Part No. - PMIS3-20-50-20KHZ

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PMIS3 ASM-SENSOR-PMIS3 Datasheet
637Kb / 7P
   Magnetband-Positionssensor
More results

Similar Description - PMIS3-20-50-20KHZ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
logo
MultiDimension Technolo...
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
   High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B BOURNS-AMM20B_13 Datasheet
264Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com