Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-8520 Datasheet(PDF) 7 Page - Premier Magnetics, Inc.

Part # PM-8520
Description  10/100 Base-TX ISOLATION TRANSFORMERS WITH FILTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-8520 Datasheet(HTML) 7 Page - Premier Magnetics, Inc.

Back Button PM-8520 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 9Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 10Page - Premier Magnetics, Inc. PM-8520 Datasheet HTML 11Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
7
pm-85xx 11/05
10/100 Base-TX
ISOLATION TRANSFORMERS
WITH FILTERS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
.390
(9.91)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.950
(24.13)
MAX
PIN#1
DOT
FLAT
.050 (1.27)
.030 (0.76)
.580
(14.73)
.010
(0.25)
TYP
.720
(18.29)
MAX
PM-8536 MECHANICAL
PM-8536 SCHEMATIC
PHYSICAL DIMENSIONS ................... IN INCHES (mm)
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches (mm)
M
P PM-8536
YYWW
16x.050 (1.27)
7x.100 (2.54)
16x.120 (3.05)
.520 (13.21)
1
16
9
8
.760 (19.30)
.700 (17.78)
NOTE1:
REINFORCED INSULATION SYSTEM (UL1950, CSA-950, IEC950):
A) ALL MATERIALS MEET "UL", "CSA" & "IEC" REQUIREMENTS
B) MEET UL 94-VO FOR FLAMABILITY.
C) ALL MATERIALS ARE RATED 130OC OR BETTER.
D) RXT REINFORCED INTERNAL CONSTRUCTION.
E) DESIGNED FOR >6.2mm CREEPAGE
PM-8536
100BASE-TX MAGNETICS
1
3
2
16
14
15
6
8
7
11
10
12
RD+
RD-
CT
UTP RX+
UTP RX-
CT
UTP TX+
UTP TX-
CMT
TD+
TD-
CT
1:1
1:1
9 CT


Similar Part No. - PM-8520

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8044 PMI-PM-8044 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8050 PMI-PM-8050 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8051 PMI-PM-8051 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8053 PMI-PM-8053 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
More results

Similar Description - PM-8520

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
Central Technologies
CTLFSPF CT-CTLFSPF Datasheet
200Kb / 1P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFLPF CT-CTLFLPF Datasheet
241Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFAMMF CT-CTLFAMMF Datasheet
270Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
NS060 BOTHHAND-NS060 Datasheet
172Kb / 1P
   10 BASE ISOLATION TRANSFORMERS PCMCIA
TS7011AM BOTHHAND-TS7011AM Datasheet
268Kb / 1P
   10 BASE-T ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
   10 Base-T Isolation Transformers
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
   Isolation Transformers for 10 Base-T
logo
Rhombus Industries Inc.
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
   10 BASE-T Applications Isolation Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com